Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 2Page - Renesas Technology Corp UPD6P9 Datasheet HTML 3Page - Renesas Technology Corp UPD6P9 Datasheet HTML 4Page - Renesas Technology Corp UPD6P9 Datasheet HTML 5Page - Renesas Technology Corp UPD6P9 Datasheet HTML 6Page - Renesas Technology Corp UPD6P9 Datasheet HTML 7Page - Renesas Technology Corp UPD6P9 Datasheet HTML 8Page - Renesas Technology Corp UPD6P9 Datasheet HTML 9Page - Renesas Technology Corp UPD6P9 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
4
µPD6P9
Data Sheet U15144EJ1V1DS
CONTENTS
1.
PIN FUNCTIONS .........................................................................................................................
6
1.1
Normal Operation Mode ....................................................................................................................
6
1.2
PROM Programming Mode ...............................................................................................................
7
1.3
Pins I/O Circuits .................................................................................................................................
8
1.4
Recommended Connection of Unused Pins ...................................................................................
9
1.5
Notes on Using KI Pin After Reset ...................................................................................................
9
2.
DIFFERENCES BETWEEN
µPD67, 67A, 68, 68A, 69, 69A, AND µPD6P9 .............................. 10
3.
INTERNAL CPU FUNCTIONS .................................................................................................. 11
3.1
Program Counter (PC): 12 Bits ........................................................................................................ 11
3.2
Stack Pointer (SP): 1 Bit ................................................................................................................... 11
3.3
Address Stack Register (ASR (RF)): 12 Bits ...................................................................................11
3.4
Program Memory (One-Time PROM): 4,074 Steps
× 10 Bits ......................................................... 12
3.5
Data Memory (RAM): 128
× 4 Bits .................................................................................................... 13
3.6
Data Pointer (DP): 12 Bits ................................................................................................................. 14
3.7
Accumulator (A): 4 Bits .................................................................................................................... 14
3.8
Arithmetic and Logic Unit (ALU): 4 Bits .......................................................................................... 14
3.9
Flags ................................................................................................................................................... 15
3.9.1
Status flag (F) .......................................................................................................................... 15
3.9.2
Carry flag (CY) ........................................................................................................................ 15
4.
TIMER ......................................................................................................................................... 16
4.1
Timer Configuration .......................................................................................................................... 16
4.2
Timer Operation ................................................................................................................................. 17
4.3
Carrier Output .................................................................................................................................... 19
4.3.1
Carrier output generator .......................................................................................................... 19
4.3.2
Carrier output control .............................................................................................................. 20
4.4
Software Control of Timer Output ................................................................................................... 22
5.
WRITING AND VERIFYING ONE-TIME PROM (PROGRAM MEMORY) .................................. 23
5.1
Operating Mode When Writing/Verifying Program Memory ..........................................................
23
5.2
Program Memory Writing Procedure ............................................................................................... 24
5.3
Program Memory Reading Procedure .............................................................................................25
6.
ELECTRICAL SPECIFICATIONS ............................................................................................... 26
7.
CHARACTERISTIC CURVES (REFERENCE VALUES) (
µPD6P9M1)...................................... 32
8.
APPLICATION CIRCUIT EXAMPLE .......................................................................................... 33
9.
PACKAGE DRAWING ................................................................................................................ 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com