Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 35Page - Renesas Technology Corp UPD6P9 Datasheet HTML 36Page - Renesas Technology Corp UPD6P9 Datasheet HTML 37Page - Renesas Technology Corp UPD6P9 Datasheet HTML 38Page - Renesas Technology Corp UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp UPD6P9 Datasheet HTML 40Page - Renesas Technology Corp UPD6P9 Datasheet HTML 41Page - Renesas Technology Corp UPD6P9 Datasheet HTML 42Page - Renesas Technology Corp UPD6P9 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
37
µPD6P9
Data Sheet U15144EJ1V1DS
10. RECOMMENDED SOLDERING CONDITIONS
The
µPD6P9 must be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Table 10-1. Surface Mounting Soldering Conditions
(1)
µPD6P9M1MC-5A4: 20-pin plastic SSOP (7.62 mm (300))
µPD6P9M3MC-5A4: 20-pin plastic SSOP (7.62 mm (300))
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrated reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (at 210°C
IR35-103-2
or higher), Count: Two times or less, Exposure limit: 3 daysNote
(after that, prebake at 125
°C for 10 hours)
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (at 200°C
VP15-103-2
or higher), Count: Two times or less, Exposure limit: 3 daysNote
(after that, prebake at 125
°C for 10 hours)
Wave soldering
Solder bath temperature: 260
°C max, Time: 10 seconds max., Count: once,
WS60-103-1
preheating temperature: 120
°C max. (package surface temperature)
Exposure limit: 3 daysNote (after that, prebake at 125
°C for 10 hours)
Partial heating
Pin temperature: 350
°C max., Time: 3 seconds max. (per pin row)
–
Note After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
(2)
µPD6P9M1MC-5A4-A: 20-pin plastic SSOP (7.62 mm (300))
µPD6P9M3MC-5A4-A: 20-pin plastic SSOP (7.62 mm (300))
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrated reflow
Package peak temperature: 260
°C, Time: 60 seconds max. (at 220°C
IR60-103-3
or higher), Count: Three times or less, Exposure limit: 3 daysNote
(after that, prebake at 125
°C for 10 to 72 hours)
Wave soldering
For details, contact an NEC Electronics sales representative.
–
Partial heating
Pin temperature: 350
°C max., Time: 3 seconds max. (per pin row)
–
Note After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
Remark
Products that have the part numbers suffixed by “-A” are lead-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com