Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD6P9 Datasheet HTML 1Page - Renesas Technology Corp UPD6P9 Datasheet HTML 2Page - Renesas Technology Corp UPD6P9 Datasheet HTML 3Page - Renesas Technology Corp UPD6P9 Datasheet HTML 4Page - Renesas Technology Corp UPD6P9 Datasheet HTML 5Page - Renesas Technology Corp UPD6P9 Datasheet HTML 6Page - Renesas Technology Corp UPD6P9 Datasheet HTML 7Page - Renesas Technology Corp UPD6P9 Datasheet HTML 8Page - Renesas Technology Corp UPD6P9 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
3
µPD6P9
Data Sheet U15144EJ1V1DS
BLOCK DIAGRAM
Item
µPD6P9
µPD6P9M1
µPD6P9M3
ROM capacity
4074
× 10 bits
One-time PROM
RAM capacity
128
× 4 bits
Stack
1 level (shared with RF of RAM)
I/O pins
Key input (KI):
4 pins
Key I/O (KI/O):
8 pins
Key expansion input (S0, S1, S2):
3 pins
Remote control transmission display output (LED):
1 pin (shared with S1 pin)
Number of keys
32 keys
56 keys (when expanded by key expansion input)
Clock frequency
Ceramic oscillation
fX = 3.5 to 4.5 MHz
Instruction execution time
16
µs (@ fX = 4 MHz)
8
µs (@ fX = 4 MHz)
Carrier frequency
The high-level and low-level width can be set separately from 250 ns to 64
µs (@ fX = 4 MHz
operation) via modulo registers
Timer
9-bit programmable timer: 1 channel, timer clock: fX/64
POC circuit
On chip
RAM retention detector
On chip
Capacitor for oscillation
Not available
Supply voltage
VDD = 2.2 to 3.6 V
Operating ambient
TA = –40 to +85
°C
temperature
Package
20-pin plastic SSOP (7.62 mm (300))
KI0 to KI3
KI/O0 to KI/O7
S0, S1/LED, S2
Port KI
Port KI/O
Port S
4
8
3
4
8
3
RAM
System
control
Carrier
generator
9-bit
timer
CPU
core
XIN
XOUT
VDD
GND
REM
S1/LED
One-
time
PROM
LIST OF FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com