Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 4Page - Renesas Technology Corp UPD6P9 Datasheet HTML 5Page - Renesas Technology Corp UPD6P9 Datasheet HTML 6Page - Renesas Technology Corp UPD6P9 Datasheet HTML 7Page - Renesas Technology Corp UPD6P9 Datasheet HTML 8Page - Renesas Technology Corp UPD6P9 Datasheet HTML 9Page - Renesas Technology Corp UPD6P9 Datasheet HTML 10Page - Renesas Technology Corp UPD6P9 Datasheet HTML 11Page - Renesas Technology Corp UPD6P9 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
6
µPD6P9
Data Sheet U15144EJ1V1DS
1. PIN FUNCTIONS
1.1 Normal Operation Mode
Pin No.
Symbol
Function
Output Format
After Reset
1
KI/O0 to KI/O7
CMOS
High-level output
2
Push-pullNote 1
15 to 20
3S0
—
High-impedance
(OFF mode)
4S1/LED
CMOS push-pull
High-level output
(LED)
5
REM
CMOS push-pull
Low-level output
6VDD
——
7XOUT
—
Low level
8XIN
(oscillation stopped)
9
GND
——
10
S2
—
Input
(high impedance,
STOP mode
release cannot be
used)
11 to 14
KI0 to
—
Input (low-level)
KI3Note 2
Notes 1. Note that the drive capability of the low-level output side is held low.
2. In order to prevent malfunction, do not input a high-level signal to pins KI0 to KI3 (leaving these pins
open is possible, however, when these pins are left open, do not disconnect any connected pull-down
resistors) when POC is released due to supply voltage startup.
8-bit I/O port. I/O mode can be switched in 8-bit units.
In input mode, a pull-down resistor is added.
In output mode, these pins can be used as a key scan
outputs from the key matrix.
Input port.
This pin can also be used as a key return input from the
key matrix.
In input mode, the use of a pull-down resistor for the S0
and S1 ports can be specified by software in 2-bit units.
If input mode is released by software, this pin is placed
in the OFF mode and enters a high-impedance state.
I/O port.
In input mode (S1), this pin can also be used as a key
return input from the key matrix.
The use of a pull-down resistor for the S0 and S1 ports
can
be
specified
by
software
in
2-bit
units.
In output mode (LED), this pin becomes the remote
control transmission display output (active low). When
the remote control carrier is output from the REM output,
this pin outputs a low level from the LED output in
synchronization with the REM signal.
Infrared remote control transmission output.
The output is active high.
The carrier high-level and low-level width can each be
freely set in a range of 250 ns to 64
µs (@ fX = 4 MHz)
using software.
Power supply
These pins are connected to system clock ceramic
resonators.
GND pin
Input port.
The use of the STOP mode release of the S2 port can be
specified by software.
When using this pin as a key input from the key matrix,
enable the use of the STOP mode release (at this time,
a pull-down resistor is connected internally.)
When the STOP mode release is disabled, this pin can
be used as an input port that does not release the STOP
mode even if the release condition is established (at this
time, a pull-down resistor is not connected internally.)
4-bit input port.
These pins can be used as key return inputs to the key
matrix. The use of pull-down resistors can be specified
by software in 4-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com