Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 8Page - Renesas Technology Corp UPD6P9 Datasheet HTML 9Page - Renesas Technology Corp UPD6P9 Datasheet HTML 10Page - Renesas Technology Corp UPD6P9 Datasheet HTML 11Page - Renesas Technology Corp UPD6P9 Datasheet HTML 12Page - Renesas Technology Corp UPD6P9 Datasheet HTML 13Page - Renesas Technology Corp UPD6P9 Datasheet HTML 14Page - Renesas Technology Corp UPD6P9 Datasheet HTML 15Page - Renesas Technology Corp UPD6P9 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
10
µPD6P9
Data Sheet U15144EJ1V1DS
2. DIFFERENCES BETWEEN
µPD67, 67A, 68, 68A, 69, 69A, AND µPD6P9
Table 2-1 shows the differences between the
µPD67, 67A, 68, 68A, 69, 69A, and µPD6P9.
The only differences between these models are the program memory, data memory, timer, POC detection
voltage, and supply voltage; the other CPU functions and internal peripheral hardware are the same.
The electrical specifications also differ slightly. For the electrical specifications, refer to the data sheet of each
model.
Table 2-1. Differences Between
µPD67, 67A, 68, 68A, 69, 69A, and µPD6P9
Item
µPD6P9
µPD67
µPD67A
µPD68
µPD68A
µPD69
µPD69A
ROM
One-time PROM
Mask ROM
4074
× 10 bits
1002
× 10 bits
2026
× 10 bits
4074
× 10 bits
RAM
128
× 4 bits
32
× 4 bits
128
× 4 bits
Timer
Clock
fX/64
Output value
Note 1
Note 2
Note 3
Note 2
Note 3
Note 2
Note 4
POC detection voltage
VPOC = 1.85 V (TYP.)
Note 5
Supply voltage
VDD = 2.2 to 3.6 V
VDD = 2.0 to 3.6 V
Note 6
Electrical specifications
Some electrical specifications, such as data retention voltage and current consumption,
differ. Refer to data sheet of each model for details.
Notes 1. (Set value + 1)
× 64/fX (
µPD6P9M1), (set value + 0.5) × 64/fX (µPD6P9M3)
2. (Set value + 1)
× 64/fX
3. (Set value + 1)
× 64/fX – 4/fX
4. (Set value + 1)
× 64/fX – 4/fX or (set value + 0.5) × 64/fX – 2/fX
5. VPOC = 1.85 V (TYP.) or VPOC = 1.7 V (TYP.) (mask option)
6. VDD = 2.0 to 3.6 V or VDD = 1.8 to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com