Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 15Page - Renesas Technology Corp UPD6P9 Datasheet HTML 16Page - Renesas Technology Corp UPD6P9 Datasheet HTML 17Page - Renesas Technology Corp UPD6P9 Datasheet HTML 18Page - Renesas Technology Corp UPD6P9 Datasheet HTML 19Page - Renesas Technology Corp UPD6P9 Datasheet HTML 20Page - Renesas Technology Corp UPD6P9 Datasheet HTML 21Page - Renesas Technology Corp UPD6P9 Datasheet HTML 22Page - Renesas Technology Corp UPD6P9 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
17
µPD6P9
Data Sheet U15144EJ1V1DS
4.2 Timer Operation
The timer starts (counting down) when a value other than 0 is set for the down counter with a timer manipulation
instruction. The timer manipulation instructions for making the timer start operation are shown below:
MOV T0, A
MOV T1, A
MOV T, #data10
MOV T, @R0
The down counter is decremented (–1) in the cycle of 64/fX. If the value of the down counter becomes 0, the
zero detector generates the timer operation end signal to stop the timer operation. At this time, if the timer is in
HALT mode (HALT #
×101B) waiting for the timer to stop its operation, the HALT mode is released and the instruction
following the HALT instruction is executed. The output of the timer operation end signal is continued while the down
counter is 0 and the timer is stopped. The following relational expression applies between the timer’s output time
and the down counter’s set value.
(a)
µPD6P9M1
Timer output time = (Set value + 1)
× 64/fX
(b)
µPD6P9M3
Timer output time = (Set value + 0.5)
× 64/fX
An example is shown below.
Example
When fX = 4 MHz
MOV T, #3FFH
STTS #05H
HALT #05H
MOV T, #232H
STTS #05H
HALT #05H
In the case above, the timer output time is as follows.
(a)
µPD6P9M1
(Set value + 1)
× 64/fX + (Set value + 1) × 64/fX
= (511 + 1)
× 64/4 + (50 + 1) × 64/4
= 9.008 ms
(b)
µPD6P9M3
(Set value + 0.5)
× 64/fX + (Set value + 0.5) × 64/fX
= (511 + 0.5)
× 64/4 + (50 + 0.5) × 64/4
= 8.992 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com