Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 122Page - STMicroelectronics ST72345 Datasheet HTML 123Page - STMicroelectronics ST72345 Datasheet HTML 124Page - STMicroelectronics ST72345 Datasheet HTML 125Page - STMicroelectronics ST72345 Datasheet HTML 126Page - STMicroelectronics ST72345 Datasheet HTML 127Page - STMicroelectronics ST72345 Datasheet HTML 128Page - STMicroelectronics ST72345 Datasheet HTML 129Page - STMicroelectronics ST72345 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 191 page
background image
ST72340, ST72344, ST72345
126/191
I2C BUS INTERFACE (Cont’d)
I2C OWN ADDRESS REGISTER (OAR1)
Read / Write
Reset Value: 0000 0000 (00h)
7-bit Addressing Mode
Bit 7:1 = ADD[7:1] Interface address.
These bits define the I2C bus address of the inter-
face. They are not cleared when the interface is
disabled (PE=0).
Bit 0 = ADD0 Address direction bit.
This bit is don’t care, the interface acknowledges
either 0 or 1. It is not cleared when the interface is
disabled (PE=0).
Note: Address 01h is always ignored.
10-bit Addressing Mode
Bit 7:0 = ADD[7:0] Interface address.
These are the least significant bits of the I2C bus
address of the interface. They are not cleared
when the interface is disabled (PE=0).
I2C OWN ADDRESS REGISTER (OAR2)
Read / Write
Reset Value: 0100 0000 (40h)
Bit 7:6 = FR[1:0] Frequency bits.
These bits are set by software only when the inter-
face is disabled (PE=0). To configure the interface
to I2C specified delays select the value corre-
sponding to the microcontroller frequency FCPU.
Bit 5:3 = Reserved
Bit 2:1 = ADD[9:8] Interface address.
These are the most significant bits of the I2C bus
address of the interface (10-bit mode only). They
are not cleared when the interface is disabled
(PE=0).
Bit 0 = Reserved.
70
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
70
FR1
FR0
0
0
0
ADD9
ADD8
0
fCPU
FR1
FR0
< 6 MHz
0
0
6 to 8 MHz
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com