Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 124Page - STMicroelectronics ST72345 Datasheet HTML 125Page - STMicroelectronics ST72345 Datasheet HTML 126Page - STMicroelectronics ST72345 Datasheet HTML 127Page - STMicroelectronics ST72345 Datasheet HTML 128Page - STMicroelectronics ST72345 Datasheet HTML 129Page - STMicroelectronics ST72345 Datasheet HTML 130Page - STMicroelectronics ST72345 Datasheet HTML 131Page - STMicroelectronics ST72345 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 191 page
background image
ST72340, ST72344, ST72345
128/191
11.7 I2C TRIPLE SLAVE INTERFACE WITH DMA (I2C3S)
11.7.1 Introduction
The I2C3S interface provides three I2C slave func-
tions, supporting both standard (up to 100kHz)
and fast I2C mode (100 to 400 kHz). Special fea-
tures are provided for:
■ Full-speed emulation of standard I
2C E2PROMs
■ Receiving commands to perform user-defined
operations such as IAP
11.7.2 Main Features
■ Three user configurable independent slave
addresses can be individually enabled
■ 2x 256 bytes and 1x 128 bytes buffers with fixed
addresses in RAM
■ 7-bit Addressing
■ DMA transfer to/from I
2C bus and RAM
■ Standard (transfers 256 bytes at up to 100 kHz)
■ Fast Mode (transfers 256 bytes at up to 400
kHz)
■ Transfer error detection and handling
■ 3 interrupt flags per address for maximum
flexibility
■ Two interrupt request lines (one for Slaves 1
and 2, the other for Slave 3)
■ Full emulation of standard I
2C EEPROMs:
– Supports 5 read/write commands and com-
bined format
–No I2C clock stretching
– Programmable page size (8/16 bytes) or full
buffer
– Configurable write protection
■ Data integrity and byte-pair coherency when
reading 16-bit words from I2C bus
Figure 68. I2C3S Interface Block Diagram
I2C SLAVE ADDRESS 1
I2C SLAVE ADDRESS 2
I2C SLAVE ADDRESS 3
CPU
RAM
128 BYTES
SLAVE 3 BUFFER
256 BYTES
SLAVE 1 BUFFER
256 BYTES
SLAVE 2 BUFFER
DMA
COMPARATOR
CONTROL LOGIC
8-BIT
SHIFT REGISTER
SCL or SCLI
SDA or SDAI
Slave 1 or 2 Interrupt
Slave 3 Interrupt
DATA E2PROM
256 BYTES
REGISTER
SHADOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com