Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 135Page - STMicroelectronics ST72345 Datasheet HTML 136Page - STMicroelectronics ST72345 Datasheet HTML 137Page - STMicroelectronics ST72345 Datasheet HTML 138Page - STMicroelectronics ST72345 Datasheet HTML 139Page - STMicroelectronics ST72345 Datasheet HTML 140Page - STMicroelectronics ST72345 Datasheet HTML 141Page - STMicroelectronics ST72345 Datasheet HTML 142Page - STMicroelectronics ST72345 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 191 page
background image
ST72340, ST72344, ST72345
139/191
or by hardware when the peripheral is disabled
(PE = 0).
0: No write operation to Slave 1
1: Write operation performed to Slave 1
I2C3S INTERFACE (Cont’d)
Bit 2 = RF3 Read operation from Slave 3
This bit is set by hardware on reception of the di-
rection bit in the I2C address byte for Slave 3. It is
cleared by software reading the SR register when
there is no communication ongoing. It is also
cleared by hardware when the interface is disa-
bled (PE=0).
0: No read operation from Slave 3
1: Read operation performed from Slave 3
Bit 1= RF2 Read operation from Slave 2
This bit is set by hardware on reception of the di-
rection bit in the I2C address byte for Slave 2. It is
cleared by software reading the SR register when
there is no communication ongoing. It is also
cleared by hardware when the interface is disa-
bled (PE=0).
0: No read operation from Slave 2
1: Read operation performed from Slave 2
Bit 0= RF1 Read operation from Slave 1
This bit is set by hardware on reception of the di-
rection bit in the I2C address byte for Slave 1. It is
cleared by software reading SR register when
there is no communication ongoing. It is also
cleared by hardware when the interface is disa-
bled (PE=0).
0: No read operation from Slave 1
1: Read operation performed from Slave 1
I2C BYTE COUNT REGISTER (I2C3SBCR)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:0 = NB [7:0] Byte Count Register
This register keeps a count of the number of bytes
received or transmitted through any of the three
addresses. This byte count is reset after reception
by a slave address of a new transfer and is incre-
mented after each byte is transferred. This register
is not limited by the full page length. It is also
cleared by hardware when interface is disabled
(PE =0).
I2C SLAVE 1 ADDRESS REGISTER
(I2C3SSAR1)
Read / Write
Reset Value : 0000 0000 (00h)
Bits 7:1 = ADDR[7:1] Address of Slave 1
This register contains the first 7 bits of Slave 1 ad-
dress (excluding the LSB) and is user program-
mable. It is also cleared by hardware when inter-
face is disabled (PE =0).
Bit 0= EN1 Enable bit for Slave Address 1
This bit is used to enable/disable Slave Address 1.
It is also cleared by hardware when interface is
disabled (PE =0).
0: Slave Address 1 disabled
1: Slave Address 1 enabled
I2C SLAVE 2 ADDRESS REGISTER
(I2C3SSAR2)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:1 = ADDR[7:1] Address of Slave 2.
This register contains the first 7 bits of Slave 2 ad-
dress (excluding the LSB) and is user programma-
ble. It is also cleared by hardware when interface
is disabled (PE =0).
Bit 0= EN2 Enable bit for Slave Address 2
This bit is used to enable/disable Slave Address 2.
It is also cleared by hardware when interface is
disabled (PE =0).
0: Slave Address 2 disabled
1: Slave Address 2 enabled
70
NB7
NB6
NB5
NB4
NB3
NB2
NB1
NB0
70
ADDR
7
ADDR
6
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
EN1
70
ADDR
7
ADDR
6
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com