Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 137Page - STMicroelectronics ST72345 Datasheet HTML 138Page - STMicroelectronics ST72345 Datasheet HTML 139Page - STMicroelectronics ST72345 Datasheet HTML 140Page - STMicroelectronics ST72345 Datasheet HTML 141Page - STMicroelectronics ST72345 Datasheet HTML 142Page - STMicroelectronics ST72345 Datasheet HTML 143Page - STMicroelectronics ST72345 Datasheet HTML 144Page - STMicroelectronics ST72345 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 191 page
background image
ST72340, ST72344, ST72345
141/191
Table 25. I2C3S Register Map
Address
(Hex.)
Register
Name
76
5
4
3
2
1
0
0060h
I2C3SCR1
PL1
PL0
0
ITER
ITRE3
ITRE1/2
ITWE3
ITWE1/2
0061h
I2C3SCR2
0
0
0
WP2
WP1
PE
BusyW
B/W
0062h
I2C3SSR
NACK
BERR
WF3
WF2
WF1
RF3
RF2
RF1
0063h
I2C3SBCR
NB7
NB6
NB5
NB4
NB3
NB2
NB1
NB1
0064h
I2C3SSAR1
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
EN1
0065h
I2C3SCAR1
CA 7 .. CA0
0066h
I2C3SSAR2
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
EN2
0067h
I2C3SCAR2
CA 7 .. CA0
0068h
I2C3SSAR3
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
EN3
0069h
I2C3SCAR3
CA 7 .. CA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com