Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 12Page - Monolithic Power Systems MPF42791 Datasheet HTML 13Page - Monolithic Power Systems MPF42791 Datasheet HTML 14Page - Monolithic Power Systems MPF42791 Datasheet HTML 15Page - Monolithic Power Systems MPF42791 Datasheet HTML 16Page - Monolithic Power Systems MPF42791 Datasheet HTML 17Page - Monolithic Power Systems MPF42791 Datasheet HTML 18Page - Monolithic Power Systems MPF42791 Datasheet HTML 19Page - Monolithic Power Systems MPF42791 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
16
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
IRDG_CELL2,
0x0026
Inputs cell 2
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL3,
0x002A
Inputs cell 3
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL4,
0x002E
Inputs cell 4
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL5,
0x0032
Inputs cell 5
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL6,
0x0036
Inputs cell 6
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL7,
0x003A
Inputs cell 7s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL8,
0x003E
Inputs cell 8
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL9,
0x0042
Inputs cell 9
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL10,
0x0046
Inputs cell 10
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL11,
0x004A
Inputs cell 11
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL12,
0x004E
Inputs cell 12
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL13,
0x0052
Inputs cell 13
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL14,
0x0056
Inputs cell 14
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL15,
0x005A
Inputs cell 15
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_CELL16,
0x005E
Inputs cell 16
’s current reading if
IRDG_CELLS_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
IRDG_PACK,
0x0062
Inputs the pack
’s current reading
if IRDG_PACK_EN is enabled.
32, [31:0]
R/W
32-bit signed, 2-comp integer
LSB = 1mA
0mA
-524288mA to
+524287mA
CCRDG,
0x0066
Inputs the Coulomb count reading
if CCRDG_EN is enabled.
32, [31:0]
R/W
32-bitsigned, 2-comp integer
LSB = 0.0005mA
0mA
-1073741.832mA
to
+1073741.832mA
TRDG_AMB,
0x006A
Inputs the ambient temperature
reading.
16, [15:0]
R/W
16-bit signed, 2-comp integer
LSB = 0.01°C
0°C
-273.15°C to
+327.67°C
TRDG_TS1,
0x006C
Inputs temperature sensor 1
’s
reading.
16, [15:0]
R/W
16-bit signed, 2-comp integer
LSB = 0.01°C
0°C
-273.15°C to
+327.67°C
TRDG_TS2,
0x006E
Inputs temperature sensor 2
’s
reading.
16, [15:0]
R/W
16-bit signed, 2-comp integer
LSB = 0.01°C
0°C
-273.15°C to
+327.67°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com