Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 32Page - Monolithic Power Systems MPF42791 Datasheet HTML 33Page - Monolithic Power Systems MPF42791 Datasheet HTML 34Page - Monolithic Power Systems MPF42791 Datasheet HTML 35Page - Monolithic Power Systems MPF42791 Datasheet HTML 36Page - Monolithic Power Systems MPF42791 Datasheet HTML 37Page - Monolithic Power Systems MPF42791 Datasheet HTML 38Page - Monolithic Power Systems MPF42791 Datasheet HTML 39Page - Monolithic Power Systems MPF42791 Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
36
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
EMTY_SOC_
CELL9,
0x0580
Returns cell 9
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_SOC_
CELL10,
0x0581
Returns cell 10
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_SOC_
CELL11,
0x0582
Returns cell 11
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_SOC_
CELL12,
0x0583
Returns cell 12
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_SOC_
CELL13,
0x0584
Returns cell 13
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_SOC_
CELL14,
0x0585
Returns cell 14
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_SOC_
CELL15,
0x0586
Returns cell 15
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_SOC_
CELL16,
0x0587
Returns cell 16
’s empty SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
0%
0% to 100%
EMTY_ID,
0x0588
Returns the cell ID for the cell that is
empty limiting the pack.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 1 (cell ID)
0 (cell
ID)
1 to 16 (cell
ID)
EMTY_RTIME,
0x0589
Returns the remaining time for the pack
to become empty. Smoother changes
for the remaining time estimate can be
achieved
by
increasing
EMTY_RTIME_FILTER
with
the
tradeoff of an increased phase delay.
16,
[15:0]
Read-only
16-bit unsigned
integer
LSB = 1s
0s
0s to 65535s
EMTY_DTEMP,
0x058B
Returns the predicted temperature to
reach an empty pack.
16,
[15:0]
Read-only
16-bit signed, 2-comp
integer
LSB = 0.01
0
-327.68 to
+327.67
EMTY_LIM,
0x058D
Outputs the pack
’s empty limiting
factor.
0: Cell
1: Pack
8, [7:0]
Read-only
Non-standard
LSB = 1
0
0 to 1
FULL_SOC_
CELL1,
0x0592
Returns cell
’s 1 full SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
100%
0% to 100%
FULL_SOC_
CELL2,
0x0593
Returns cell
’s 2 full SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
100%
0% to 100%
FULL_SOC_
CELL3,
0x0594
Returns cell
’s 3 full SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
100%
0% to 100%
FULL_SOC_
CELL4,
0x0595
Returns cell
’s 4 full SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
100%
0% to 100%
FULL_SOC_
CELL5,
0x0596
Returns cell
’s 5 full SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
100%
0% to 100%
FULL_SOC_
CELL6,
0x0597
Returns cell
’s 6 full SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
100%
0% to 100%
FULL_SOC_
CELL7,
0x0598
Returns cell
’s 7 full SOC.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.4%
100%
0% to 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com