Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 35Page - Monolithic Power Systems MPF42791 Datasheet HTML 36Page - Monolithic Power Systems MPF42791 Datasheet HTML 37Page - Monolithic Power Systems MPF42791 Datasheet HTML 38Page - Monolithic Power Systems MPF42791 Datasheet HTML 39Page - Monolithic Power Systems MPF42791 Datasheet HTML 40Page - Monolithic Power Systems MPF42791 Datasheet HTML 41Page - Monolithic Power Systems MPF42791 Datasheet HTML 42Page - Monolithic Power Systems MPF42791 Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
39
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ICHG_END_
RSLT,
0x05C0
Returns the result of the detected charge
termination current value.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 2
VCHG_CV,
0x05C1
Returns the learned value for the typical
charge CV voltage.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 2mV
0mV
0mV to
131070mV
VCHG_CV_
LRN,
0x05C3
Returns the state of the charge CV
learning.
0: Disabled
1: Paused
2: Ongoing
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
VCHG_CV_
RSLT,
0x05C4
Returns the state of the detected charge
CV result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RESR_CELL_
DIS_1,
0x05C5
Returns cell 1
’s discharge ESR (RESR)
state, which is compared to BOL for
discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_2,
0x05C9
Returns cell
2’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_3,
0x05CD
Returns cell
3’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_4,
0x05D1
Returns cell
4’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_5,
0x05D5
Returns cell
5’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_6,
0x05D9
Returns cell
’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_7,
0x05DD
Returns cell 7s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_8,
0x05E1
Returns cell
’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_9,
0x05E5
Returns cell
9’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_10,
0x05E9
Returns cell
10’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_11,
0x05ED
Returns cell
11’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_12,
0x05F1
Returns cell
12’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_13,
0x05F5
Returns cell
13’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-
RESR_CELL_
DIS_14,
0x05F9
Returns cell
14’s discharge RESR state,
which is compared to BOL for discharging.
32, [31:0]
Read-only
32-bit floating point
(single)
100%
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com