Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet(PDF) 66 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 66 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 62Page - Monolithic Power Systems MPF42791 Datasheet HTML 63Page - Monolithic Power Systems MPF42791 Datasheet HTML 64Page - Monolithic Power Systems MPF42791 Datasheet HTML 65Page - Monolithic Power Systems MPF42791 Datasheet HTML 66Page - Monolithic Power Systems MPF42791 Datasheet HTML 67Page - Monolithic Power Systems MPF42791 Datasheet HTML 68Page - Monolithic Power Systems MPF42791 Datasheet HTML 69Page - Monolithic Power Systems MPF42791 Datasheet HTML 70Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
66
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Customer Block
Name, Address
Description
Bit Length,
Position
Type
Encoding
Decoded
Default Value
Range
CUST_BLOCK_
PASSWORD,
0x5000
Sets the password to allow editing to the
customer block feature. To set a new
password, write a value to this register
while
in
configuration
mode
when
CUST_BLOCK_PASS_EDIT_EN
=
1.
After
the
new
password
is
set,
CUST_BLOCK_PASS_EDIT_EN resets
to 0. When writing a new value for the
password, only the four password bytes
must be written, so the address used must
be 0x5000, and the data length must be
4. Users must exit configuration mode for
the new password to be stored in the fuel
gauge’s NVM.
To enable the customer block feature or
the editing of the password, send a write
command to address 0x5000 with a data
length of 3. This command should contain
the correct password and the correct
values
for
CUST_BLOCK_EN
and
CUST_BLOCK_PASS_EDIT_EN.
The content of this register can only be
read when CUST_BLOCK_FLAG = 0.
This register can only be written when
CONFIG_MODE_FLAG = 1.
32, [31:0]
R/W
32-bit unsigned
integer
LSB = 1
4294967295
0 to
4294967295
CUST_
BLOCK_EN,
0x5004
Enables the customer block feature. To
enable the customer block feature, send
a write command to address 0x5000, with
a data length of 5. This command should
contain the correct password, and the
correct value for this register must be
sent.
The CUST_BLOCK_FLAG flag is a mirror
of this register.
The content of this register can only be
read when CUST_BLOCK_FLAG = 0.
This register can only be written when
CONFIG_MODE_FLAG = 1.
1, [0]
R/W
Control
Enable = 1
Disable = 0
0
0 to 1
CUST_BLOCK_
PASS_EDIT_
EN,
0x5004
Enables
costumer
block
password
editing. To enable the customer block
feature, send a write command to address
0x5000, with a data length of 5. This
command should contain the correct
password, and the correct value for this
register must be sent.
This register can only be set when
CUST_BLOCK_FLAG = 0; otherwise, it
stays at 0.
The content of this register can only be
read when CUST_BLOCK_FLAG = 0.
This register can only be written when
CONFIG_MODE_FLAG = 1.
1, [1]
R/W
Control
Enable = 1
Disable = 0
0
0 to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com