Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 9Page - Monolithic Power Systems MPF42791 Datasheet HTML 10Page - Monolithic Power Systems MPF42791 Datasheet HTML 11Page - Monolithic Power Systems MPF42791 Datasheet HTML 12Page - Monolithic Power Systems MPF42791 Datasheet HTML 13Page - Monolithic Power Systems MPF42791 Datasheet HTML 14Page - Monolithic Power Systems MPF42791 Datasheet HTML 15Page - Monolithic Power Systems MPF42791 Datasheet HTML 16Page - Monolithic Power Systems MPF42791 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
13
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SDA line low. If the SDA line remains high during
the
acknowledge
clock
pulse,
it
is
not
acknowledged (NACK). Then the master can
generate a stop command to abort the transfer,
or it can generate a repeated start (Sr) command
to start a new transfer.
After the start command, a 7-bit slave address is
sent, followed by the read/write (R/W) bit. A 0
represents a write transmission (W), while a 1
indicates a read request (R). Figure 9 shows a
complete data transfer.
Figure 9: Complete Data Transfer
Active Mode
The MPF42791 must be in active mode to
communicate
(see
Operating
Modes
for
additional detail). To transition to active mode,
the SDA line must be pulled low. There is a 20ms
timeout before starting operation, or the device
transitions back to standby mode. After the
operations
are
completed
(e.g.
I2C
communication or fuel gauge updates) there is a
5ms timeout.
A
low
5ms
pulse
on
the
SDA
line
is
recommended to transition to active mode. Note
that it may take a few additional milliseconds for
the MPF42791 to reach active mode and for the
I2C to be ready. To verify that the MPF42791 is
ready for communication, an I2C header with the
start command, the device address, and the R/W
bit can be sent. The device responds with an
ACK signal if it is ready for communication.
Protocol Layer
The MPF42791 uses a protocol where 2 bytes
are
used
for
the
register
and
command
addresses. A length field is also provided to
declare the number of bytes in each read or write
transaction. The maximum allowed transaction
length is 82 bytes of data (not including the
register address, length byte, or CRC bytes).
A Cyclic Redundancy Check (CRC) can be used
to ensure the transaction’s integrity. When
enabled, the last 4 bytes of the transaction
correspond to the CRC. Figure 10 and Figure 11
show an example of read and write transactions
with CRC, respectively.
Figure 10: I2C Read Transaction with CRC
Figure 11: I2C Write Transaction with CRC
If CRC is disabled, a write transaction can
optionally include the correct CRC bytes to be
accepted. During a read, the MPF42791 does
not include the CRC, so the NACK signal and
stop command from the master come after
DATA[x].
I2C operations using any address outside of the
register map are invalid, even if they are partially
valid addresses. An invalid read operation
returns a 0 as the data and correct CRC (if
enabled), and an invalid write operation is
ignored.
Cyclic Redundancy Check (CRC)
The CRC spans the register address, length, and
data payload. It is generated in blocks of 4 bytes.
If the number of bytes is not a multiple of 4, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com