Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet(PDF) 43 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 43 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 39Page - Monolithic Power Systems MPF42791 Datasheet HTML 40Page - Monolithic Power Systems MPF42791 Datasheet HTML 41Page - Monolithic Power Systems MPF42791 Datasheet HTML 42Page - Monolithic Power Systems MPF42791 Datasheet HTML 43Page - Monolithic Power Systems MPF42791 Datasheet HTML 44Page - Monolithic Power Systems MPF42791 Datasheet HTML 45Page - Monolithic Power Systems MPF42791 Datasheet HTML 46Page - Monolithic Power Systems MPF42791 Datasheet HTML 47Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
43
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
RESR_RSLT_
CELL11,
0x065F
Returns the state of cell
’s RESR result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RESR_RSLT_
CELL12,
0x0660
Returns the state of cell
’s RESR result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RESR_RSLT_
CELL13,
0x0661
Returns the state of cell
’s RESR result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RESR_RSLT_
CELL14,
0x0662
Returns the state of cell
’s RESR result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RESR_RSLT_
CELL15,
0x0663
Returns the state of cell
’s RESR result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RESR_RSLT_
CELL16,
0x0664
Returns the state of cell
’s RESR result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RCXN_CELL1,
0x0665
Returns cell 1
’s connection resistance
learning value.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL2,
0x0667
Returns cell 2
’s connection resistance
learning value.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL3,
0x0669
Returns cell 3
’s connection resistance
learning value.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL4,
0x066B
Returns cell 4
’s connection resistance
learning value.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL5,
0x066D
Returns cell
5’s connection resistance
learning value.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL6,
0x066F
Returns cell
’s connection resistance
learning value.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL7,
0x0671
Returns cell
7’s connection resistance
learning value.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com