Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF42791 Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 22Page - Monolithic Power Systems MPF42791 Datasheet HTML 23Page - Monolithic Power Systems MPF42791 Datasheet HTML 24Page - Monolithic Power Systems MPF42791 Datasheet HTML 25Page - Monolithic Power Systems MPF42791 Datasheet HTML 26Page - Monolithic Power Systems MPF42791 Datasheet HTML 27Page - Monolithic Power Systems MPF42791 Datasheet HTML 28Page - Monolithic Power Systems MPF42791 Datasheet HTML 29Page - Monolithic Power Systems MPF42791 Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
26
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SOH_CELL2_
BKUP,
0x02A4
These bits are the backup register for cell
2’s
SOH. This address is a R/W alias for the
SOH_CELL2 register.
The fuel gauge must be in learning backup mode
for this register to be written. For more details, see
the FG_BKUP_ENABLE register on page 33 and
the FG_BKUP_FLAG register on page 54.
Writing to this or any other of the cell SOH backup
registers prepares the fuel gauge to use the
values written in these registers as a starting point
for the SOH learning.
32, [31:0]
R/W
32-bit unsigned
integer
LSB =
0.0000001%
0%
0% to
255%
SOH_CELL3_
BKUP,
0x02A8
These bits are the backup register for cell
3’s
SOH. This address is a R/W alias for the
SOH_CELL3 register.
The fuel gauge must be in learning backup mode
for this register to be written. For more details, see
the FG_BKUP_ENABLE register on page 33 and
the FG_BKUP_FLAG register on page 54.
Writing to this or any other of the cell SOH backup
registers prepares the fuel gauge to use the
values written in these registers as a starting point
for the SOH learning.
32, [31:0]
R/W
32-bit unsigned
integer
LSB =
0.0000001%
0%
0% to
255%
SOH_CELL4_
BKUP,
0x02AC
These bits are the backup register for cell
4’s
SOH. This address is a R/W alias for the
SOH_CELL4 register.
The fuel gauge must be in learning backup mode
for this register to be written. For more details, see
the FG_BKUP_ENABLE register on page 33 and
the FG_BKUP_FLAG register on page 54.
Writing to this or any other of the cell SOH backup
registers prepares the fuel gauge to use the
values written in these registers as a starting point
for the SOH learning.
32, [31:0]
R/W
32-bit unsigned
integer
LSB =
0.0000001%
0%
0% to
255%
SOH_CELL5_
BKUP,
0x02B0
These bits are the backup register for cell
5’s
SOH. This address is a R/W alias for the
SOH_CELL5 register.
The fuel gauge must be in learning backup mode
for this register to be written. For more details, see
the FG_BKUP_ENABLE register on page 33 and
the FG_BKUP_FLAG register on page 54.
Writing to this or any other of the cell SOH backup
registers prepares the fuel gauge to use the
values written in these registers as a starting point
for the SOH learning.
32, [31:0]
R/W
32-bit unsigned
integer
LSB =
0.0000001%
0%
0% to
255%
SOH_CELL6_
BKUP,
0x02B4
These bits are the backup register for cell
’s
SOH. This address is a R/W alias for the
SOH_CELL6 register.
The fuel gauge must be in learning backup mode
for this register to be written. For more details, see
the FG_BKUP_ENABLE register on page 33 and
the FG_BKUP_FLAG register on page 54.
Writing to this or any other of the cell SOH backup
registers prepares the fuel gauge to use the
values written in these registers as a starting point
for the SOH learning.
32, [31:0]
R/W
32-bit unsigned
integer
LSB =
0.0000001%
0%
0% to
255%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com