Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4541 Datasheet HTML 12Page - Monolithic Power Systems MP4541 Datasheet HTML 13Page - Monolithic Power Systems MP4541 Datasheet HTML 14Page - Monolithic Power Systems MP4541 Datasheet HTML 15Page - Monolithic Power Systems MP4541 Datasheet HTML 16Page - Monolithic Power Systems MP4541 Datasheet HTML 17Page - Monolithic Power Systems MP4541 Datasheet HTML 18Page - Monolithic Power Systems MP4541 Datasheet HTML 19Page - Monolithic Power Systems MP4541 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
16
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient layout is critical for stable operation. For
the best results, refer to Figure 3 and follow the
guidelines below:
1. Place the high-current paths (GND, VIN, and
SW) as close to the device as possible using
short, direct, and wide traces.
2. Place the input capacitor as close to the VIN
and GND pins as possible.
3. Place the external feedback resistors next to
the FB pin.
4. Keep the switching node (SW) short, and
route it as far away from the feedback
network as possible.
1
1
1
1
1
9
7
8
6
5
1
2
4
3
1
2
1
2
1
2
1
2
1
2
2
1
1
2
Top Layer
Via
Bottom Layer
EN
EN
VIN
GND
VIN
VOUT
GND
V
O
U
T
Top Layer
0
0
0
0
1
1
1
1
1
1
1
2
VIN
EN
Bottom Layer
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com