Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4541 Datasheet HTML 1Page - Monolithic Power Systems MP4541 Datasheet HTML 2Page - Monolithic Power Systems MP4541 Datasheet HTML 3Page - Monolithic Power Systems MP4541 Datasheet HTML 4Page - Monolithic Power Systems MP4541 Datasheet HTML 5Page - Monolithic Power Systems MP4541 Datasheet HTML 6Page - Monolithic Power Systems MP4541 Datasheet HTML 7Page - Monolithic Power Systems MP4541 Datasheet HTML 8Page - Monolithic Power Systems MP4541 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
3
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Power enable. Pull the EN pin high to turn on the MP4541. Pull EN low to turn off the
MP4541. Do not float the EN pin.
2
VCC
Internal LDO output. VCC supplies power to the internal control circuit. Decouple VCC
with a
≥1μF ceramic capacitor.
3
FREQ
Switching frequency (fSW) setting. Connect an external resistor from the FREQ pin to
the GND pin to set the buck fSW.
4
FB
Output voltage (VOUT) feedback. Connect a resistor divider from the output to the FB
pin.
5
BST
Bootstrap power for the high-side MOSFET (HS-FET) gate driver. Connect a 0.1
μF
capacitor between the BST and SW pins.
6
SW
Switch node of the converter. Connect the SW pin to the source of the HS-FET and the
drain of the low-side MOSFET (LS-FET).
7
GND
Power ground.
8
VIN
Power supply input.
ABSOLUTE MAXIMUM RATINGS (1)
VIN, EN ....................................... -0.3V to +85V
SW .............................................. -0.5V to +85V
SW (<20ns) .................................... -5V to +88V
BST to SW ..................................... -0.3V to +6V
All other pins
……………………….. -0.3V to +6V
Continuous power dissipation (TA = 25°C)
............................................................. 3.2W (2) (4)
Junction temperature ..
…………………… 150°C
Lead temperature
………………………… 260°C
Storage temperature
………….. -65°C to +150°C
Recommended Operating Conditions (3)
Supply voltage (VIN) .…………………. 8V to 80V
Output voltage (VOUT)…………………. 1V to 30V
Operating junction temp (TJ)… -40°C to +125°C
Thermal Resistance
θJA
θJC
SOIC-8EP
EV4541-N-00A (4)
………. 38……... 7.5…..°C/W
JESD51-7 (5)
…………….. 48……... 10…...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
converter may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on the EV4541-N-00A, a 63.5mmx63.5mm, 1oz, 2-
layer PCB.
5)
The value of θ
JA given in this table is only valid for comparison
with other packages, and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com