Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4541 Datasheet HTML 1Page - Monolithic Power Systems MP4541 Datasheet HTML 2Page - Monolithic Power Systems MP4541 Datasheet HTML 3Page - Monolithic Power Systems MP4541 Datasheet HTML 4Page - Monolithic Power Systems MP4541 Datasheet HTML 5Page - Monolithic Power Systems MP4541 Datasheet HTML 6Page - Monolithic Power Systems MP4541 Datasheet HTML 7Page - Monolithic Power Systems MP4541 Datasheet HTML 8Page - Monolithic Power Systems MP4541 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
5
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 48V, TJ = -40°C to +125°C, unless otherwise noted.
VCC UVLO vs. Temperature
VCC Regulation Voltage vs.
Temperature
IVCC = 2mA
EN Input Threshold vs. Temperature
Valley Current Limit vs. Temperature
FB Reference Voltage vs.
Temperature
Micro-Power EN Threshold vs.
Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (
℃)
VCC UVLO_Rising
VCC UVLO_Falling
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (
℃)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
TEMPERATURE (
℃)
EN_Rising
EN_Falling
600
650
700
750
800
850
900
950
1000
-50
-25
0
25
50
75
100
125
TEMPERATURE (
℃)
900
920
940
960
980
1000
1020
1040
1060
1080
1100
-50
-25
0
25
50
75
100
125
TEMPERATURE (
℃)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (
℃)
Micro Power EN_Rising
Micro Power EN_Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com