Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4541 Datasheet HTML 9Page - Monolithic Power Systems MP4541 Datasheet HTML 10Page - Monolithic Power Systems MP4541 Datasheet HTML 11Page - Monolithic Power Systems MP4541 Datasheet HTML 12Page - Monolithic Power Systems MP4541 Datasheet HTML 13Page - Monolithic Power Systems MP4541 Datasheet HTML 14Page - Monolithic Power Systems MP4541 Datasheet HTML 15Page - Monolithic Power Systems MP4541 Datasheet HTML 16Page - Monolithic Power Systems MP4541 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
13
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
The switching frequency is typically set between
100kHz and 1MHz.
Power Supply
The
MP4541’s control circuit is powered by VCC,
which is regulated by VIN.
There is a VCC under-voltage lockout (UVLO)
circuit that protects the MP4541 from operating
at an insufficient VIN. The MP4541’s UVLO
comparator monitors VCC and starts operating
when VCC exceeds the VCC UVLO rising
threshold.
Start-Up
When the EN pin is high and VCC exceeds its
UVLO threshold, the MP4541 starts up via an
internal soft-start (SS) signal. Once the MP4541
starts switching, the SS signal ramps up from 0V
and is compared to VREF. The lower voltage is
used by the error amplifier (EA) to control VOUT.
After the SS signal exceeds VREF, soft start
completes, and the internal reference block
regulates the feedback loop.
The MP4541 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the voltage
on the SS capacitor is charged. If the SS
capacitor voltage exceeds the sensed output
voltage
at
FB,
the
device
starts
normal
operation.
Enable (EN) and Configurable Under-Voltage
Lockout (UVLO)
The EN pin turns the MP4541 on and off. If
voltage above 0.9V is applied, the MP4541 starts
the internal bandgap (BG) circuit. Once the EN
voltage (VEN) exceeds EN’s high threshold
(typically 1.25V), the MP4541 turns on all
functions
and
starts
switching
operation.
Switching operation stops once VEN drops below
the low threshold (typically 1.13V). EN is
compatible with voltages up to 80V.
There is no internal resistor on EN. For
automatic start-up, connect EN to VIN through a
resistor.
Overload Protection (OLP) and Short-Circuit
Protection (SCP)
The MP4541 features valley current limit control.
The inductor current is monitored during the
LS-FET
’s on state. When the inductor current
exceeds the valley current limit threshold, the
LS-FET current limit comparator output switches.
The HS-FET remains off until the inductor
current drops below the valley current limit. Then
the HS-FET turns on again. Meanwhile, the FB
output voltage (VFB) may drop below its UVLO
threshold (typically 60% of VREF). Once UVLO is
triggered, the MP4541 enters hiccup mode and
periodically restarts the part. Hiccup mode is
disabled during soft start.
If over-current protection (OCP) triggers hiccup
mode, the MP4541 turns off the output power
stage and discharges the SS capacitor. Then the
IC automatically initiates another soft start. If the
over-current (OC) condition remains after soft
start ends, the device repeats this hiccup
operation until the OC condition is removed.
Once the OC condition has been removed, VOUT
returns to the regulation level.
Bootstrap (BST) Power Supply
An external bootstrap (BST) capacitor powers
the floating MOSFET driver. The external BST
capacitor is charged by VCC. The VBST - VSW
voltage supplies power to the HS-FET driver.
The MP4541 turns on once both VCC and EN
exceed
their
respective
thresholds.
The
reference block turns on first, and generates a
stable VREF and reference currents. Then the
internal
regulator
turns
on.
The
regulator
provides a stable supply for the remaining
circuits.
Three events can shut down the chip: EN being
pulled low, VCC being pulled low, and thermal
shutdown. The shutdown procedure starts by
blocking the signaling path to avoid any fault
triggering. Then the COMP voltage (VCOMP) and
the internal supply rail are pulled low. The BST
floating driver is not subject to this shutdown
command.
Thermal Shutdown Protection
The MP4541 has one circuit to monitor the
temperature. If the junction temperature exceeds
150°C, the MP4541 shuts down. Once the
temperature drops below 125°C, the device
resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com