Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4541 Datasheet HTML 3Page - Monolithic Power Systems MP4541 Datasheet HTML 4Page - Monolithic Power Systems MP4541 Datasheet HTML 5Page - Monolithic Power Systems MP4541 Datasheet HTML 6Page - Monolithic Power Systems MP4541 Datasheet HTML 7Page - Monolithic Power Systems MP4541 Datasheet HTML 8Page - Monolithic Power Systems MP4541 Datasheet HTML 9Page - Monolithic Power Systems MP4541 Datasheet HTML 10Page - Monolithic Power Systems MP4541 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
7
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 48V, VOUT = 5V, L = 33µH, TA = 25°C, unless otherwise noted.
Efficiency
Load Regulation
Line Regulation
Bode Plot
IOUT = 0.8A
Case Temperature Rise
vs. Output
Current
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
OUTPUT CURRENT (A)
Vin=12V
Vin=48V
Vin=72V
-0.5
-0.3
-0.1
0.1
0.3
0.5
0
0.2
0.4
0.6
0.8
OUTPUT CURRENT (A)
Vin=12V
Vin=48V
Vin=72V
-1.00
-0.50
0.00
0.50
1.00
0
20
40
60
80
100
INPUT VOLTAGE (V)
Io=0A
Io=0.5A
Io=0.8A
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
1
10
100
1000
FREQUENCY (kHz)
Gain
Phase
0
5
10
15
20
25
30
35
0
0.2
0.4
0.6
0.8
OUTPUT CURRENT (A)
VIN=12V
VIN=48V
VIN=72V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com