Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4541 Datasheet HTML 1Page - Monolithic Power Systems MP4541 Datasheet HTML 2Page - Monolithic Power Systems MP4541 Datasheet HTML 3Page - Monolithic Power Systems MP4541 Datasheet HTML 4Page - Monolithic Power Systems MP4541 Datasheet HTML 5Page - Monolithic Power Systems MP4541 Datasheet HTML 6Page - Monolithic Power Systems MP4541 Datasheet HTML 7Page - Monolithic Power Systems MP4541 Datasheet HTML 8Page - Monolithic Power Systems MP4541 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP4541
80V, 0.8A, High-Efficiency,
Synchronous, Step-Down Converter
with Integrated Power MOSFETS
MP4541 Rev. 1.0
MonolithicPower.com
1
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP4541 is a high-efficiency, synchronous
step-down converter with integrated power
MOSFETs. The device provides 0.8A of output
current (IOUT) in a buck topology from an input
power supply of up to 80V.
The MP4541 features constant-on-time (COT)
control, which provides fast transient response
and
facilitates
loop
stabilization.
The
configurable operation frequency can be set
between 100kHz and 1MHz via an external
resistor.
The device supports high-efficiency pulse-skip
mode (PSM) while operating under light-load
conditions. The valley current limit circuits
protect
against
overload
and
short-circuit
conditions.
The MP4541 is available in an SOIC-8EP
package.
FEATURES
 8V to 80V Input Voltage Range
 1V to 30V Output Voltage Range
 90% Maximum Operation Duty Cycle
 625mΩ/265mΩ Internal Power MOSFETs
 Constant-On-Time (COT) Control
 100kHz to 1MHz Configurable Frequency
 Internal Soft Start and Loop Compensation
 Over-Current Protection (OCP)
 Short-Circuit Protection (SCP) with Hiccup
Mode
 High-Efficiency Pulse-Skip Mode (PSM)
under Light-Load Conditions
 Available in an SOIC-8EP Package
APPLICATIONS
 High-Voltage Battery Packs
 Industrial Power Supplies
 Printer Power Boards
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS”, the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
VIN
SW
BST
FB
VOUT
GND
VIN
8V to 80V
R1
40.2k
Ω
R2
10k
Ω
5V/0.8A
L1 33
μH
C3
0.1
μF
EN
VCC
C4
1
μF
R3
80.6k
Ω
FREQ
C1
2.2
μF
C2
10
μF x 2
C5
680pF
MP4541
On/Off
Efficiency
VOUT = 5V
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
OUTPUT CURRENT (A)
Vin=12V
Vin=48V
Vin=72V


Similar Part No. - MP4541

ManufacturerPart #DatasheetDescription
logo
Yealink Inc.
MP45 YEALINK-MP45 Datasheet
251Kb / 4P
USB Phone Compatible
logo
Mean Well Enterprises C...
MP450 MEANWELL-MP450 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Toshiba Semiconductor
MP4501 TOSHIBA-MP4501 Datasheet
275Kb / 5P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4501 TOSHIBA-MP4501 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4501 TOSHIBA-MP4501_07 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results

Similar Description - MP4541

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
logo
Shenzhen Huazhimei Semi...
HM3110B HMSEMI-HM3110B Datasheet
842Kb / 9P
0.8A 150KHz 80V step-down DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com