Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4541 Datasheet HTML 10Page - Monolithic Power Systems MP4541 Datasheet HTML 11Page - Monolithic Power Systems MP4541 Datasheet HTML 12Page - Monolithic Power Systems MP4541 Datasheet HTML 13Page - Monolithic Power Systems MP4541 Datasheet HTML 14Page - Monolithic Power Systems MP4541 Datasheet HTML 15Page - Monolithic Power Systems MP4541 Datasheet HTML 16Page - Monolithic Power Systems MP4541 Datasheet HTML 17Page - Monolithic Power Systems MP4541 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
14
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider sets the output
voltage (VOUT). First, choose a value for the
resistor (R2). If R2 is too low, there can be
considerable IQ loss, while a higher-value R2 can
make FB noise sensitive. It is recommended to
choose an R2 value between 10
kΩ and 100kΩ.
R1 can be calculated with Equation (3):
OUT
REF
REF
VV
R1
R2
V

(3)
Where VREF is the reference voltage (typically
1V).
Figure 2 shows the typical feedback circuit.
MP4541
FB
R1
R2
VOUT
Figure 2: Feedback Network
Selecting the Inductor
A larger-value inductor provides less ripple
current, which results in a lower output voltage
ripple. However, a larger-value inductor has a
larger
physical
footprint,
higher
series
resistance, and lower saturation current. The
recommended inductance value is to design the
peak-to peak ripple current in the inductor to be
in the range of 0.3A to 0.4A. The inductance can
be calculated with Equation (4):
OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
 

(4)
Where ΔIL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum peak inductor current (ILP). ILP can be
calculated with Equation (5):
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2 f
L
V
 

(5)
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
AC
current
to
the
converter
while
also
maintaining the DC input voltage. For the best
results, it is recommended to use ceramic
capacitors placed as close to VIN as possible.
Ceramic
capacitors
with
X5R
and
X7R
dielectrics are recommended due to their
stability amid temperature fluctuations.
The capacitors must have a ripple current rating
that exceeds the
converter’s maximum input
ripple current (ICIN). ICIN can be estimated with
Equation (6):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(6)
The worst-case scenario occurs at VIN = 2 x VOUT,
calculated with Equation (7):
OUT
CIN
I
I
2
(7)
For simplification, choose an input capacitor with
an RMS current rating greater than half the
maximum load current.
The
input
capacitance
determines
the
converter’s input voltage ripple. If there is an
input voltage ripple requirement in the system,
choose an input capacitor that meets the
relevant specifications.
The input voltage ripple can be estimated with
Equation (8):
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
 
(8)
The worst-case scenario occurs at VIN = 2 x VOUT,
calculated with Equation (9):
OUT
IN
SW
IN
I
1
V
4 f
C
 
(9)
Selecting the Output Capacitor
An output capacitor is required to maintain the
DC output voltage. It is recommended to use
ceramic or POSCAP capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com