Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4541 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4541 Datasheet HTML 1Page - Monolithic Power Systems MP4541 Datasheet HTML 2Page - Monolithic Power Systems MP4541 Datasheet HTML 3Page - Monolithic Power Systems MP4541 Datasheet HTML 4Page - Monolithic Power Systems MP4541 Datasheet HTML 5Page - Monolithic Power Systems MP4541 Datasheet HTML 6Page - Monolithic Power Systems MP4541 Datasheet HTML 7Page - Monolithic Power Systems MP4541 Datasheet HTML 8Page - Monolithic Power Systems MP4541 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
4
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 48V, TJ = -40°C to +125°C (6), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
VCC under-voltage
lockout (UVLO) threshold
rising
VCCUVLO-R VCC rising
3.15
3.35
3.55
V
VCC UVLO threshold
hysteresis
VCCHYS
150
mV
VCC regulation voltage
IVCC = 2mA
4.5
4.85
5.2
V
Shutdown current
ISD
VEN = 0V, measured on VIN
2
μA
Quiescent current
IQ
VIN = 12V, VFB = 1.05V, no
switching, measured on VIN,
TJ = 25°C
15
μA
Enable (EN) Control
Micro-power EN start-up
threshold
0.9
V
Micro-power EN off
threshold
0.4
V
EN input high threshold
VEN_ON
VEN rising
1.15
1.25
1.35
V
EN hysteresis
VEN_H
VEN rising/falling
120
mV
Minimum off time
tMIN_OFF
VFB = 0V
150
ns
Minimum on time (7)
tMIN_ON
45
ns
Reference Voltage
FB reference voltage
VREF
8V to 100V, TJ = 25°C
0.99
1
1.01
V
8V to 100V, TJ = -40°C to +125°C
0.985
1
1.015
V
FB input current
IFB
VFB = 1.05V
50
nA
Soft-start (SS) time
tSS
10% to 90% of VREF
4.35
ms
FB under-voltage
threshold
VUVP
60%
VREF
Power Switch
LS-FET on resistance
RON_L
265
mΩ
Synchronous HS-FET on
resistance
RON_H
625
mΩ
Current Limit
LS-FET valley current limit
IVL_LIMT
Over full duty cycle, TJ = 25°C
0.72
0.8
0.88
A
Over full duty cycle,
TJ = -40°C to +125°C
0.68
0.8
0.92
A
Inductor current zero-
current detection (ZCD)
threshold
-60
0
+60
mA
Thermal Protection
Thermal shutdown (7)
TSD
150
°C
Thermal shutdown
hysteresis (7)
TSD_HYS
25
°C
Notes:
6) Not tested in production. Guaranteed by over-temperature correlation.
7) Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com