Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4658GS Datasheet HTML 11Page - Monolithic Power Systems MP4658GS Datasheet HTML 12Page - Monolithic Power Systems MP4658GS Datasheet HTML 13Page - Monolithic Power Systems MP4658GS Datasheet HTML 14Page - Monolithic Power Systems MP4658GS Datasheet HTML 15Page - Monolithic Power Systems MP4658GS Datasheet HTML 16Page - Monolithic Power Systems MP4658GS Datasheet HTML 17Page - Monolithic Power Systems MP4658GS Datasheet HTML 18Page - Monolithic Power Systems MP4658GS Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
15
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is important to achieve
reliable operation, good EMI performance and
excellent thermal performance. For the best
results, refer to Figure 4 and follow the
guidelines below:
1. Minimize the area of the power stage loop.
This
includes
the
primary
loop
(input
capacitor, transformer, and MOSFET sense
resistor), as well as the secondary-side
winding loop (transformer, rectifier, and
output capacitor).
2. Separate the output loop GND and control
circuit GND, and only connect them at the
GND pin.
3. Place the peripheral electronic components
(such as those for VIN, FB, COMP1, and
COMP2) as close to the IC as possible to
decouple noise.
C1
16
FF
15
VIN
14
NC
13
ADIMP
12
ISET
11
LED3
10
LED4
9
GND
1
PDIM
2
OPT
3
FB
4
COMP2
5
COMP1
6
OVP
7
LED1
8
LED2
C4
C5
C2
C3
R2
R3
R4
R1
R5
D1
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com