Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4658GS Datasheet HTML 10Page - Monolithic Power Systems MP4658GS Datasheet HTML 11Page - Monolithic Power Systems MP4658GS Datasheet HTML 12Page - Monolithic Power Systems MP4658GS Datasheet HTML 13Page - Monolithic Power Systems MP4658GS Datasheet HTML 14Page - Monolithic Power Systems MP4658GS Datasheet HTML 15Page - Monolithic Power Systems MP4658GS Datasheet HTML 16Page - Monolithic Power Systems MP4658GS Datasheet HTML 17Page - Monolithic Power Systems MP4658GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
14
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Open LED Protection (OVP)
The OVP pin monitors the LED output voltage
and controls open LED protection. Connect this
pin to the LED output voltage through a voltage
divider, and set the OVP point using Equation
(1):
OVPH
OVPL
OV_LED
OVPL
2.4V (R
+R
)
V=
R
(1)
Where ROVPH and ROVPL are the high-side and
low-side
resistors
of
the
voltage
divider,
respectively.
Output Voltage Feedback (FB)
The FB pin feeds back the output voltage (VOUT).
Connect this pin to the output voltage through a
voltage divider. This voltage divider determines
VOUT, which can be calculated with Equation (2):
VFBH
VFBL
OUT
VFBL
1.2V (R
+R
)
V=
R
(2)
Where RVFBH and RVFBL are the high-side and
low-side
resistors
of
the
voltage
divider,
respectively.
LED Current Setting
The LED current (ILED) is set by the resistor on
the ISET pin. The ISET pin outputs a 1.6V
voltage and its sourcing current determines ILED.
Estimate ILED with Equation (3):
LED
ISET
80k
Ω×200mA
I
(mA)=
R
(k
Ω)
(3)
Selecting the Turn Ratios of the Power
Transformer
The power transformer includes three power
windings: the primary-side winding, the LED
secondary-side winding and the output voltage
winding. Follow these steps to design the turn
ratios of the power transformer:
Design the turn ratio between the primary-side
winding and LED secondary-side winding using
NP:NLED. The maximum voltage stress on the
primary-side switch occurs at the maximum
input AC voltage and maximum output LED
voltage.
Calculate the maximum voltage stress on the
primary-side switch (VDS_PRI) with Equation (4):
P
DS_PRI
IN_AC_MAX
OV_LED
DIODE
LED
N
V
=1.414 V
+(V
+V
)
N

(4)
Considering the leakage inductance of the
flyback transformer, assume a 60V spike
voltage on the primary-side switch and a 10%
derating
of
the
switch
voltage
capability.
Calculate
the
primary-side
switch
’s rating
voltage with Equation (5):
DS_PRI
RATING_PRI
V
+ 60 0.9 V

(5)
Calculate the turn ratio (NP:NLED) between the
primary-side winding (NP) and the secondary
LED winding (NLED) with Equation (6):
RATING_PRI
IN_AC_MAX
P
LED
OV_LED
DIODE
(0.9 V
-60V-1.414 V
)
N :N
=
V
+V

(6)
Where VRATING_PRI is the rating voltage of the
primary-side switch, VIN_AC_MAX is the maximum
input AC voltage, VDIODE is the forward voltage
of the rectifier diode, and VOV_LED is the OVP
point of the LED output voltage.
Design the turn ratio between the LED winding
and the output voltage winding: NLED:NSYS.
When the LED stage is working, the LED
winding voltage (VLED) clamps the system
winding voltage via the turn ratio. Ensure that
VOUT exceeds the voltage set with Equation (2)
when the LED stage is on with the minimum
VLED. Estimate this relationship with Equation
(7):
LED_MIN
DIODE
OUT
DIODE
LED
SYS
VV
V
+ V
N
N
+
(7)
Where VLED_MIN is the minimum LED output
voltage. Choose a 10% margin for production
design, calculated with Equation (8):
LED_MIN
DIODE
LED
SYS
OUT
DIODE
0.9 (V
V
)
N
: N
VV
+
+
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com