Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4658GS Datasheet HTML 1Page - Monolithic Power Systems MP4658GS Datasheet HTML 2Page - Monolithic Power Systems MP4658GS Datasheet HTML 3Page - Monolithic Power Systems MP4658GS Datasheet HTML 4Page - Monolithic Power Systems MP4658GS Datasheet HTML 5Page - Monolithic Power Systems MP4658GS Datasheet HTML 6Page - Monolithic Power Systems MP4658GS Datasheet HTML 7Page - Monolithic Power Systems MP4658GS Datasheet HTML 8Page - Monolithic Power Systems MP4658GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
4
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN Supply
VIN supply range
6
36
V
VIN UVLO
VIN_UVLO
4.5
4.79
5.5
V
VIN UVLO hysteresis
VIN_HYS_UVLO
500
mV
Quiescent current
IQ
PWM = ADIM = 0
0.5
mA
Analog Dimming
ADIM logic high
VADIM_HI
1.5
V
ADIM logic low
VADIM_LO
0.4
V
ADIM/PWM pull-down resistor
RADIM_DOWN
1
M
Analog dimming input
frequency range
5 (5)
100 (5)
kHz
Duration to disable the ADIM
pin
tADIM_ST
30
ms
ADIM pin input impedance for
slow soft PWM dimming (3ms)
25
50
k
ADIM pin input impedance for
fast soft PWM dimming (700µs)
15
k
PWM Dimming
PDIM logic high
VPDIM_HI
1.5
V
PDIM logic low
VPDIM_LO
0.4
V
PDIM pull-down resistor
RPDIM_DOWN
1
M
PDIM input frequency range
100 (5)
Hz
Duration to disable the PDIM
pin
tPDIM_ST
30
ms
OPT
OPT pin output voltage range
Normal operation H
2.3
V
Normal operation L
0.8
V
OPT pin output voltage when
latched off
3.3
V
Source current capability
IOPT
20
mA
VFB
Reference voltage
VFB_REF
PWM off
1.182
1.2
1.218
V
FB pull-down resistor
RFB_DOWN
1
M
VFB over-voltage protection
(OVP)
VFB_OVP
1.24
VREF_VFB
System open feedback
protection
VREF_OPEN
500
mV
Compensation Loop for LED (COMP1)
Gain bandwidth product
GBCOMP1
75pF on COMP1
1 (5)
MHz
Open-loop DC gain
AV_COMP1
COMP1 open
70 (5)
dB
Input common-mode range
VCM_COMP1
For design
-0.3 (5)
+4 (5)
V
Transconductance
GM_COMP1
PWM = high
720
μA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com