Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4658GS Datasheet HTML 1Page - Monolithic Power Systems MP4658GS Datasheet HTML 2Page - Monolithic Power Systems MP4658GS Datasheet HTML 3Page - Monolithic Power Systems MP4658GS Datasheet HTML 4Page - Monolithic Power Systems MP4658GS Datasheet HTML 5Page - Monolithic Power Systems MP4658GS Datasheet HTML 6Page - Monolithic Power Systems MP4658GS Datasheet HTML 7Page - Monolithic Power Systems MP4658GS Datasheet HTML 8Page - Monolithic Power Systems MP4658GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
2
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP4658GS
SOIC-16
See Below
2
* For Tape & Reel, add suffix -Z (e.g. MP4658GS-Z).
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP4658: Part number
LLLLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
GND
VIN
COMP1
4
5
6
7
11
12
OVP
FB
2
3
OPT
1
MP4658
COMP2
PDIM
10
9
ISET
13
14
15
16
NC
LED1
LED2
LED3
LED4
ADIM
FF
8
SOIC-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com