Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4658GS Datasheet HTML 7Page - Monolithic Power Systems MP4658GS Datasheet HTML 8Page - Monolithic Power Systems MP4658GS Datasheet HTML 9Page - Monolithic Power Systems MP4658GS Datasheet HTML 10Page - Monolithic Power Systems MP4658GS Datasheet HTML 11Page - Monolithic Power Systems MP4658GS Datasheet HTML 12Page - Monolithic Power Systems MP4658GS Datasheet HTML 13Page - Monolithic Power Systems MP4658GS Datasheet HTML 14Page - Monolithic Power Systems MP4658GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
11
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
LED1
LED2
LED3
LED4
IREF
Min
LED1
LED2
LED3
LED4
Min LEDx
GM
REF_LED
Gm_I
PWM
COMP1
Level Adjust
OPT
ISET
ADIM
Dimming
Control
DC ADIM
DC ADIM
Voltage
Adjustment
FB
OV_LED
5V
3V
5ms
Delay
LEDx
LED Protection
Management
EN_CHx
2
5
13
12
7
6
UVLO_VIN
Delay
PDIM
LDO
VCC
1
8
15
3
GM_V
PWM_N
4
COMP2
PWM
PWM_N
OVP
PWM
100mV
LEDx
OVP
10µs
Delay
11
10
OVP
2.4V
1.2V
OV VSYS
Fault LED
Fault Control
0.5V
Fault
Fault
S1
S2
.
.
.
.
.
.
1.2 * VREF_VFB
VIN
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com