Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4658GS Datasheet HTML 1Page - Monolithic Power Systems MP4658GS Datasheet HTML 2Page - Monolithic Power Systems MP4658GS Datasheet HTML 3Page - Monolithic Power Systems MP4658GS Datasheet HTML 4Page - Monolithic Power Systems MP4658GS Datasheet HTML 5Page - Monolithic Power Systems MP4658GS Datasheet HTML 6Page - Monolithic Power Systems MP4658GS Datasheet HTML 7Page - Monolithic Power Systems MP4658GS Datasheet HTML 8Page - Monolithic Power Systems MP4658GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP4658
4-String, Max 200mA/Channel, 80V Return
LED Driver with AC/DC Feedback
MP4658 Rev. 1.0
MonolithicPower.com
1
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP4658 is a 4-string, secondary-side LED
driver for LED backlighting, and is ideal for
monitor and small-sized TV LED backlighting. It
controls the flyback power stage to regulate the
LED current loop and the output supply voltage.
The MP4658 integrates 4-string LED current
balancing. Powered by a 6V to 36V input supply
voltage
(VIN),
the
MP4658
outputs
a
compensation signal to control the primary-side
flyback
(or
other
power
stage)
via
an
optocoupler to regulate the output voltage
(VOUT).
The MP4658 supports analog dimming and
PWM dimming to the LED current through the
ADIM and PDIM pins. For analog dimming,
apply a pulse signal with a frequency above
5kHz to the ADIM pin. For PWM dimming, apply
a low-frequency PWM signal to the PDIM pin.
The MP4658 also supports analog mode PWM
dimming to the LED current, which makes the
LED current rise and fall softly.
The
MP4658
features
numerous
smart
protections
to
increase
system
reliability,
including open LED protection, short LED string
protection, LEDx short-to-ground protection, FB
over-voltage protection (OVP), feedback open
protection, and thermal protection. The MP4658
is available in an SOIC-16 package.
FEATURES
• 6V to 36V Supply Voltage (V
IN)
• 80V/200mA, 4-String LED Current Balance
• Provides Feedback for the Previous Power
Stage
• <2% LED Current Accuracy
• 1.5% LED Current Balance
• Low LEDx Regulation Voltage, High
Efficiency
• Analog and PWM Dimming
• LED Open Protection, LED Short Protection
• LEDx Pin Short-to-GND Protection
• Over-Voltage Protection (OVP)
• Thermal Protection
• Available in an SOIC-16 Package
APPLICATIONS
• LCD Monitor and TVs
• Desktop LCD Flat Panel Displays
• Flat-Panel Video Displays
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
100V to
380V Bus
Flyback
D1
M1
TM
C1
AC
85V to
265V
NP
Flyback
Controller
NC
FF
12
13
16
2
11
14
GND
COMP1
4
5
COMP2
15
MP4658
ISET
VIN
10
3
OVP
9
8
7
LED1
PDIM
ADIM
LED4
FB
LED2
1
PDIM
LED3
OPT
ADIM
6
DC/DC
NSYS
C2
C3
R1
R2
D2
C4
R3
R4
R5
R6
R7
R8
C5
C6
R9
>5kHz
>100Hz
NLED
VSYS
VOUT
VLED


Similar Part No. - MP4658GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
MP4651ES MPS-MP4651ES Datasheet
277Kb / 12P
Off Line LED Driver
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652ES MPS-MP4652ES Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4653 MPS-MP4653 Datasheet
656Kb / 25P
Real LIPS CC/CV Mode LLC TV LED Driver
More results

Similar Description - MP4658GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com