Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4658GS Datasheet HTML 1Page - Monolithic Power Systems MP4658GS Datasheet HTML 2Page - Monolithic Power Systems MP4658GS Datasheet HTML 3Page - Monolithic Power Systems MP4658GS Datasheet HTML 4Page - Monolithic Power Systems MP4658GS Datasheet HTML 5Page - Monolithic Power Systems MP4658GS Datasheet HTML 6Page - Monolithic Power Systems MP4658GS Datasheet HTML 7Page - Monolithic Power Systems MP4658GS Datasheet HTML 8Page - Monolithic Power Systems MP4658GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
3
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
PDIM
PWM dimming input pin. Connect a pulse signal to implement pulse-width modulation
(PWM) dimming. When the PDIM pin
’s voltage remains low for 30ms, the LED stage is
disabled and the IC enters constant voltage (CV) mode.
2
OPT
Optocoupler pin. This pin outputs the compensation signal for the primary-side flyback
power stage. Connect this pin to the external optocoupler to control the flyback.
3
FB
System voltage feedback. Connect this pin to the system output through a voltage
divider.
4
COMP2
Compensation pin. This pin compensates the output voltage (VOUT) loop and controls the
flyback power stage during the LED off period.
5
COMP1
Compensation pin. This pin compensates the LED current loop and controls the flyback
power stage during the LED on period.
6
OVP
Over-voltage protection (OVP) pin. Connect this pin to the LED voltage (VLED) output
through a voltage divider.
7
LED1
Cathode of LED string 1.
8
LED2
Cathode of LED string 2.
9
GND
Ground.
10
LED4
Cathode of LED string 4.
11
LED3
Cathode of LED string 3.
12
ISET
LED current set pin. This pin sets the LED current. Connect a resistor from this pin to the
ground to set the LED current (ILED).
13
ADIM
Analog dimming input pin. Connect a >5kHz PWM signal to implement analog dimming.
The input impedance of this pin determines the internal filter constant, as well as the PWM
dimming rise and fall times. When the ADIM pin
’s voltage remains low for 30ms, the LED
stage is disabled and the IC enters CV mode.
14
NC
Not connected.
15
VIN
Input supply pin. This pin powers all internal logic circuitry.
16
FF
Fault indicator pin. If a fault occurs, this pin is pulled low.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .............................................. -0.3V to +38V
LEDx............................................ -0.3V to +80V
FF .............................................. -0.3V to +12V
Other pins ................................... -0.3V to +6.5V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = 25°C) (2)
................................................................1.56W
Storage temperature................ -60°C to +150°C
ESD Ratings
Human body model (HBM) ....................±2000V
Charged device model (CDM)..................±750V
Recommended Operating Conditions (3)
Supply voltage (VIN) ........................... 6V to 36V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
SOIC-16 ................................. 80 ...... 35... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com