Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4658GS
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4658GS Datasheet HTML 1Page - Monolithic Power Systems MP4658GS Datasheet HTML 2Page - Monolithic Power Systems MP4658GS Datasheet HTML 3Page - Monolithic Power Systems MP4658GS Datasheet HTML 4Page - Monolithic Power Systems MP4658GS Datasheet HTML 5Page - Monolithic Power Systems MP4658GS Datasheet HTML 6Page - Monolithic Power Systems MP4658GS Datasheet HTML 7Page - Monolithic Power Systems MP4658GS Datasheet HTML 8Page - Monolithic Power Systems MP4658GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
5
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Saturated output current
ISAT_COMP1
90
μA
Low-level clamp voltage
VCOMP1_L
Normal operation
1
V
High-level clamp voltage
VCOMP1_H
Normal operation
2.5
V
Compensation Loop for LED (COMP2)
Gain bandwidth product
GB_COMP2
75pF on COMP2
1 (5)
MHz
Open-loop DC gain
AV_COMP2
COMP2 open
70 (5)
dB
Low-level clamp voltage
VCOMP2_L
Normal operation
1
V
High-level clamp voltage
VCOMP2_H
Normal operation
2.5
V
Transconductance when
PWM is off
GM_COMP2
PWM off
260
μA/V
Saturated output current
ISAT_COMP2
45
μA
LED Driver Protection (OVP, LED Open/Short)
OVP threshold
VTH_OVP
2.4
V
OVP threshold hysteresis
200
mV
OVP to latch IC threshold
3
V
LEDx threshold for open LED
string mark-off
OVP triggered
100
mV
LEDx over-voltage (OV)
threshold (for LED short
protection)
VTH_LEDxOV
5
V
LED short delay time
tD_LEDxOV
5
ms
Thermal protection threshold
150 (5)
°C
Thermal protection
hysteresis
25 (5)
°C
LED Current Regulation (VLEDx, ISET)
ISET voltage
VISET
1.53
1.58
1.63
V
LEDx average current
ILED
RISET = 32
0kΩ (trim)
-1.5%
50
+1.5%
mA
RISET = 320
kΩ (40%)
-3%
20.3
+3%
mA
Current matching
ILED = 50mA
0.3
2
%
RISET = 320k
Ω, ILED = 20mA
(40% of ADIM)
0.4
2.5
%
Minimum LEDx regulation
voltage
VLEDx
ILED = 200mA
560
mV
ILED = 1mA
176
mV
FF pin pull-down resistor
Open drain
270
Note:
5) Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com