Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8861 Datasheet HTML 14Page - Monolithic Power Systems MP8861 Datasheet HTML 15Page - Monolithic Power Systems MP8861 Datasheet HTML 16Page - Monolithic Power Systems MP8861 Datasheet HTML 17Page - Monolithic Power Systems MP8861 Datasheet HTML 18Page - Monolithic Power Systems MP8861 Datasheet HTML 19Page - Monolithic Power Systems MP8861 Datasheet HTML 20Page - Monolithic Power Systems MP8861 Datasheet HTML 21Page - Monolithic Power Systems MP8861 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
18
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Input Over-Voltage Protection (VIN OVP)
The MP8861 monitors VIN to detect an input
over-voltage event. This function is active only
when the output is in an over-voltage (OV) or
soft-stop condition. When the output is in over-
voltage protection (OVP), or soft stop is
enabled, output discharge is enabled to charge
the input voltage high. When the input voltage
exceeds the input OVP threshold, both the HS-
FET and LS-FET stop switching.
Output Over-Voltage Protection (OVP)
The MP8861 monitors both FB and VOUT to
detect an over-voltage event. An internal
comparator monitors FB. When the FB voltage
rises higher than 125% of the internal reference
voltage,
the
controller
enters
dynamic
regulation mode, and the input voltage may be
charged up during this time. When input OVP is
triggered, the IC stops switching. If OVP mode
is set to auto-retry in the I2C, the IC begins
switching once the input voltage drops below
the VIN OVP recover threshold. Otherwise, the
MP8861 latches off. OVP auto-retry mode or
latch-off mode occurs only if the soft start has
finished.
Dynamic regulation mode can be operated by
turning on the low side until the low-side
negative current limit is triggered. Then the
body diode of the HS-FET free-wheels the
current.
The output power charges the input, which may
trigger the VIN OVP function. In VIN OVP,
neither the HS-FET or LS-FET turn on and stop
charging VIN. If the output is still over-voltage
and the input voltage drops below the VIN OVP
threshold, repeat the operation. If the output
voltage is below 110% of the internal reference
voltage, then the MP8861 exits output OVP.
Output Absolute Over-Voltage Protection
(OVP_ABS)
The MP8861’s VOUT can be adjusted by the
output reference voltage and the external
resistor dividers. The MP8861’s output voltage
must be lower than the absolute OVP threshold
(typically 6.5V). The MP8861 monitors VOUT to
detect absolute OVP. When VOUT is larger
than 6.5V, the controller enters dynamic
regulation mode if the OVP Retry bit is set to 1
in the I2C register 01. Otherwise, the MP8861
latches off when output OVP and input OVP are
both triggered. Absolute OVP works once both
the input voltage and EN are higher than their
rising thresholds. This means that this function
can work even during a soft start.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 160°C, the entire chip shuts down.
When the temperature is less than its lower
threshold (typically 140°C), the chip is enabled
again.
The D[1] and D[2] bits can be monitored in
register 06 for more information about IC silicon
temperature.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.4V with a 150mV
hysteresis. The bootstrap capacitor voltage is
regulated by VIN internally through D1, M1, C4,
L1, and C2 (see Figure 6). If VBST - VSW exceeds
3.3V, U1 regulates M1 to maintain a 3.3V BST
voltage across C4.
Figure 6: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If VIN, VCC, and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltages and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Several events can shut down the chip: EN low,
VIN low, VCC low, thermal shutdown, OVP
latch, and OCP latch. In the shutdown
procedure, the signaling path is blocked first to
avoid any fault triggering. The EAO voltage and
the internal supply rail are then pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com