Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8861 Datasheet HTML 18Page - Monolithic Power Systems MP8861 Datasheet HTML 19Page - Monolithic Power Systems MP8861 Datasheet HTML 20Page - Monolithic Power Systems MP8861 Datasheet HTML 21Page - Monolithic Power Systems MP8861 Datasheet HTML 22Page - Monolithic Power Systems MP8861 Datasheet HTML 23Page - Monolithic Power Systems MP8861 Datasheet HTML 24Page - Monolithic Power Systems MP8861 Datasheet HTML 25Page - Monolithic Power Systems MP8861 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
22
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
REGISER DESCRIPTION
Register Map
The MP8861 contains six write or read registers.
Register 00 is the output voltage selection
register. Register 01 is the first system control
register and can be used to set the slew rate,
hiccup OCP, etc. Register 02 is the second
system control register and can be used to set
the switching frequency, current limit, etc.
Register 03 and register 04 are output current
and
output
voltage
indicating
registers,
respectively. Register 05 is the IC ID register.
Register 06 is the IC status indication register
and can be used to check if the IC is in OCP,
OTP, etc. The register map is shown below.
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
r/w
Reserved
Output Reference
01
SysCntlreg1
r/w
EN
GO_BIT
Slew Rate
Retry
OVP
Hiccup
OCP
Mode
02
SysCntlreg2
r/w
PG Deglitch Time
Switching
Frequency
Soft
Stop
Current Limit Adjust
03
Output
Current
r
Output Current
04
Output
Voltage
r
Output Voltage
05
ID1
r
Vendor ID
Die ID
06
Status
r
Reserved
OC
OTEW
OT
PG
Register Description
1) Reg00 VSEL
Register 00 is the output reference voltage
selection register. The MP8861 default output
voltage is determined by the FB resistor divider
after the MP8861 power start-up or EN start-up.
The reference voltage is adjustable from 0.6V
to
1.108V.
Before
adjusting
the
output
reference voltage, the bit GO_BIT of the first
system control register 01 should be set to 1,
and then the reference voltage can be adjusted
by the lower seven bits of register 00. When the
output reference voltage setting command is
finished, GO_BIT auto-resets to 0 to prevent
false operation of the VOUT scaling. GO_BIT
should be set to 1 before adjusting the output
reference voltage via the I2C.
Table 3 shows the output reference voltage
selection chart from 0.6V to 1.108V via the I2C.
NAME
BITS
DEFAULT
DESCRIPTION
Reserved
D[7]
1
Reserved for further use.
Output
Reference
D[6:0]
001 1110
Sets the output voltage from 0.6V to 1.108V (see Table 3). The default
value is 0.72V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com