Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8861 Datasheet HTML 15Page - Monolithic Power Systems MP8861 Datasheet HTML 16Page - Monolithic Power Systems MP8861 Datasheet HTML 17Page - Monolithic Power Systems MP8861 Datasheet HTML 18Page - Monolithic Power Systems MP8861 Datasheet HTML 19Page - Monolithic Power Systems MP8861 Datasheet HTML 20Page - Monolithic Power Systems MP8861 Datasheet HTML 21Page - Monolithic Power Systems MP8861 Datasheet HTML 22Page - Monolithic Power Systems MP8861 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
19
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
I2C Control and Default Output Voltage
When the MP8861 is enabled, the output
voltage is determined by the FB resistors with a
programmed soft-start time. Afterward, the I2C
bus can communicate with the master. If the
chip does not receive I2C communication signal
continuously, it can work well through FB and
perform behavior similar to a traditional non-I2C
part. The output voltage is determined by the
resistor dividers R1, R2, and FB reference
voltage. VOUT can be calculated using Equation
(3):
REF
OUT
R1 R2
VV
(
)
R2

(3)
Note that the output voltage cannot be set
higher than an absolute OVP threshold
(typically 6.5V).
I2C Slave Address
To support multiple devices used on the same
I2C bus, A0 can be used to select four different
addresses. A resistor divider from VCC to GND
can achieve an accurate reference voltage.
Connect A0 to this reference voltage to set a
different I2C slave address (see Figure 7). The
internal circuit changes the I2C address
accordingly.
When the master sends an 8-bit address value,
the 7-bit I2C address should be followed by 0 or
1 to indicate a write or read operation,
respectively. Table 2 shows the recommended
I2C address selection by the A0 voltage.
Figure 7: I2C Slave Address Selection Set-Up
Table 2: Recommended I2C Slave Address
Selection by A0 Resistor Divider
A0 Upper
Resistor
RA0_up (kΩ)
A0 Lower
Resistor
RA0_down (kΩ)
I2C Slave Address
Binary
Hex
No
connect
No connect
110 0001
61H
500
300
110 0011
63H
300
500
110 0101
65H
100
No connect
110 0111
67H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com