Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8861 Datasheet HTML 20Page - Monolithic Power Systems MP8861 Datasheet HTML 21Page - Monolithic Power Systems MP8861 Datasheet HTML 22Page - Monolithic Power Systems MP8861 Datasheet HTML 23Page - Monolithic Power Systems MP8861 Datasheet HTML 24Page - Monolithic Power Systems MP8861 Datasheet HTML 25Page - Monolithic Power Systems MP8861 Datasheet HTML 26Page - Monolithic Power Systems MP8861 Datasheet HTML 27Page - Monolithic Power Systems MP8861 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
24
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The bit Retry OVP defines the protection mode
when OVP is triggered. When Retry OVP is set
to 1, the part enters auto-recovery when OVP is
removed. When Retry OVP is set to 0, the part
latches off once output OVP occurs, and VIN
OVP is triggered until VIN or EN are toggled.
The bit Hiccup OCP defines the over-current
protection mode. When Hiccup OCP is set to 1,
the part enters hiccup mode when OCP and
UVP are both triggered. When Hiccup OCP is
set to 0, the part enters latch-off when OCP and
UVP are both triggered.
The lowest bit, Mode, is used for selecting
forced PWM or auto-PFM/PWM mode at light
load. When Mode is set to 0, auto-PFM/PWM
mode is enabled at light load. When Mode is
set to 1, forced PWM mode is enabled at light
load.
NAME
BITS
DEFAULT
DESCRIPTION
EN
D[7]
1
I2C controlled turn-on or turn-off of the part. When the external EN is low, the
converter is off and I2C shuts down. When EN is high, the EN bit takes over.
The default EN bit is 1.
GO_BIT
D[6]
0
Switch bit of the I2C writing authority for the output reference command only.
Set GO_BIT = 1 to enable the I2C authority of writing the output reference.
When the command is finished, GO_BIT auto-resets to 0 to prevent false
operation of the Vref scaling.
Voltage scaling examples:
1) Set GO_BIT = 1.
2) Write register 00: set the output reference.
3) Read back the GO_BIT value to see if the output scaling is finished. If
GO_BIT = 0, the voltage scaling is done. Otherwise, Vref is still in
adjustment.
4) Set GO_BIT = 1 if output voltage scaling is needed a second time.
5) Write register 00: set the output reference.
Slew
Rate
D[5:3]
100
The slew rate during the I2C-controlled voltage changing is defined by three
bits. The output voltage changes linearly from the previous voltage to the
new set voltage with a slew rate (see below). This helps reduce the inrush
current, voltage overshoot, and voltage undershoot greatly.
D[5:3]
Slew Rate
D[5:3]
Slew Rate
000
40mV/μs
100
5mV/μs
001
30mV/μs
101
2.5mV/μs
010
20mV/μs
110
1.25mV/μs
011
10mV/μs
111
0.625mV/μs
Retry
OVP
D[2]
1
FB or Vref over-voltage protection mode selection bit. 1 means the part auto-
recovers when OVP is removed. 0 means the part latches off once output
OVP and VIN OVP are both triggered until VIN or EN is power reset.
Hiccup
OCP
D[1]
1
Over-current protection mode selection. 1 means hiccup mode OCP. 0
means latch-off type OCP.
Mode
D[0]
0
Set Mode to 0 to enable PFM mode. Set Mode to 1 to disable auto-
PFM/PWM mode. The default is auto-PFM/PWM mode for light load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com