Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8861 Datasheet HTML 1Page - Monolithic Power Systems MP8861 Datasheet HTML 2Page - Monolithic Power Systems MP8861 Datasheet HTML 3Page - Monolithic Power Systems MP8861 Datasheet HTML 4Page - Monolithic Power Systems MP8861 Datasheet HTML 5Page - Monolithic Power Systems MP8861 Datasheet HTML 6Page - Monolithic Power Systems MP8861 Datasheet HTML 7Page - Monolithic Power Systems MP8861 Datasheet HTML 8Page - Monolithic Power Systems MP8861 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
2
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP8861GL*
QFN-14 (3mmx4mm)
See Below
EVKT-8861
Evaluation Kit
* For Tape & Reel, add suffix –Z (e.g. MP8861GL–Z)
TOP MARKING
MP: MPS prefix
Y: Year code
W: Week code
8861: First four digits of the part number
LLL: Lot number
EVALUATION KIT EVKT-8861
EVKT-8861 Kit contents: (Items can be ordered separately).
#
Part Number
Item
Quantity
1
EV8861-L-00A
MP8861GL Evaluation Board
1
2
EVKT-USBI2C-02
Includes one USB to I2C Dongle, one USB Cable, and
one Ribbon Cable
1
3
Tdrive-8861
USB Flash drive that stores the GUI installation file and
supplemental documents
1
Order direct from MonolithicPower.com or our distributors
USB to I2C Dongle
USB Cable
Ribbon Cable
Input Power
Supply
EV8861-L-00A
Load
Input
Output
GUI
Figure 1. EVKT-8861 Evaluation Kit Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com