Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8861 Datasheet HTML 16Page - Monolithic Power Systems MP8861 Datasheet HTML 17Page - Monolithic Power Systems MP8861 Datasheet HTML 18Page - Monolithic Power Systems MP8861 Datasheet HTML 19Page - Monolithic Power Systems MP8861 Datasheet HTML 20Page - Monolithic Power Systems MP8861 Datasheet HTML 21Page - Monolithic Power Systems MP8861 Datasheet HTML 22Page - Monolithic Power Systems MP8861 Datasheet HTML 23Page - Monolithic Power Systems MP8861 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
20
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
I2C INTERFACE
I2C Serial Interface Description
The I2C is a two-wire, bidirectional, serial
interface consisting of a data line (SDA) and a
clock line (SCL). The lines are pulled to a bus
voltage externally when they are idle. When
connecting to the line, a master device
generates the SCL signal and device address
and arranges the communication sequence.
The MP8861 interface is an I2C slave. The I2C
interface adds flexibility to the power supply
solution. The output voltage, transition slew rate,
and other parameters can be controlled by the
I2C interface instantaneously.
Data Validity
One clock pulse is generated for each data bit
transferred. The data on the SDA line must be
stable during the high period of the clock. The
high or low state of the data line can only
change when the clock signal on the SCL line is
low (see Figure 8).
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Figure 8: Bit Transfer on the I2C Bus
Start and stop are signaled by the master
device, which signifies the beginning and the
end of the I2C transfer. The start condition is
defined as the SDA signal transitioning from
high to low while the SCL is high. The stop
condition is defined as the SDA signal
transitioning from low to high while the SCL is
high (see Figure 9).
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
Figure 9: Start and Stop Conditions
Start and stop conditions are always generated
by the master. The bus is considered to be
busy after the start condition, and is considered
to be free again after a minimum of 4.7μs after
the stop condition. The bus remains busy if a
repeated start (Sr) is generated instead of a
stop condition. The start (S) and repeated start
(Sr) conditions are identical functionally.
Transfer Data
Every byte put on the SDA line must be eight
bits long. Each byte must be followed by an
acknowledge bit. The acknowledge-related
clock pulse is generated by the master. The
transmitter releases the SDA line (high) during
the acknowledge clock pulse. The receiver
must pull down the SDA line during the
acknowledge clock pulse so that it remains low
stably during the high period of this clock pulse.
Data transfers follow the format shown in Figure
10. After the start condition (S), a slave address
is sent. This address is seven bits long followed
by an eighth data direction bit (r/w). A zero
indicates a transmission (write), and a one
indicates a request for data (read). A data
transfer is always terminated by a stop
condition (P) generated by the master. However,
if a master still wishes to communicate on the
bus, it can generate a repeated start condition
(Sr) and address another slave without first
generating a stop condition.
S
1 7
8
9
1 7
8
9
1 7
8
9
P
STOP
condition
START
condition
DATA
ACK
DATA
ACK
ADDRESS
ACK
R/W
SDA
SCL
Figure 10: Complete Data Transfer
The MP8861 requires a start condition, a valid
I2C address, a register address byte, and a data
byte for a single data update. After receiving
each byte, the MP8861 acknowledges this by
pulling the SDA line low during the high period
of a single clock pulse. A valid I2C address
selects the MP8861. The MP8861 performs an
update on the falling edge of the LSB byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com