Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8861 Datasheet HTML 1Page - Monolithic Power Systems MP8861 Datasheet HTML 2Page - Monolithic Power Systems MP8861 Datasheet HTML 3Page - Monolithic Power Systems MP8861 Datasheet HTML 4Page - Monolithic Power Systems MP8861 Datasheet HTML 5Page - Monolithic Power Systems MP8861 Datasheet HTML 6Page - Monolithic Power Systems MP8861 Datasheet HTML 7Page - Monolithic Power Systems MP8861 Datasheet HTML 8Page - Monolithic Power Systems MP8861 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
3
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
QFN-14 (3mmx4mm)
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................. -0.3V to 19V
VSW ................................ -0.6V (-7V for <10ns) to
VIN + 0.7V (25V for <25ns)
VBST........................................................VSW + 4V
VEN................................................................. 18V
VOUT .............................................................. 7V
All other pins ..................................... -0.3V to 4V
Continuous power dissipation (TA = +25°C) (2)
QFN-14 (3mmx4mm)................................. 2.5W
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Storage temperature...................-65°C to 150°C
Recommended Operating Conditions (3)
Supply voltage (VIN)..................... 2.85V to 18V
Output voltage (VOUT) ................... 0.6V to 5.5V
Operating junction temp. (TJ).....-40°C to+125°C
Thermal Resistance (4)
θJA
θJC
QFN-14 (3mmx4mm)............. 48 ...... 11 ...°C/W
NOTES:
1)
Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-
to-ambient thermal resistance θJA, and the ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum
allowable power dissipation produces an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
3)
The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com