Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8861
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8861 Datasheet HTML 1Page - Monolithic Power Systems MP8861 Datasheet HTML 2Page - Monolithic Power Systems MP8861 Datasheet HTML 3Page - Monolithic Power Systems MP8861 Datasheet HTML 4Page - Monolithic Power Systems MP8861 Datasheet HTML 5Page - Monolithic Power Systems MP8861 Datasheet HTML 6Page - Monolithic Power Systems MP8861 Datasheet HTML 7Page - Monolithic Power Systems MP8861 Datasheet HTML 8Page - Monolithic Power Systems MP8861 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
4
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (5), typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
2.1
4
μA
Supply current (quiescent)
Iq
No switching, FB = 105%
VREF, PFM mode
420
600
μA
HS switch on resistance
HSRDS(ON)
VBST - SW = 3.3V
29
mΩ
LS switch on resistance
LSRDS(ON)
VCC = 3.3V
14
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 12V,
TJ = +25°C
1
μA
Low-side valley current limit
ILIMIT_L
Adjustable by I2C
8.5
A
Low-side negative current limit
ILIMIT_LN
In forced PWM mode or
OVP state
-3
A
Low-side ZCD threshold
IZCD
TJ = +25°C
200
mA
Switching frequency
fSW1
VIN = 12V, VOUT = 1V
400
500
600
kHz
fSW2
VIN = 12V, VOUT = 5V
400
500
600
kHz
Minimum off time (6)
τOFF_MIN
185
ns
Minimum on time (6)
τON_MIN
VOUT = 0.6V
50
ns
Reference voltage
Vref
TJ = 25°C
-1%
720
+1%
mV
-40°C < TJ < 125°C (5)
-1.5%
720
+1.5%
FB current
IFB
VFB = 740mV
10
50
nA
A0 voltage threshold 1
VADD_1
Set I2C address 61H
0.24
VCC
A0 voltage threshold 2
VADD_2
Set I2C address 63H
0.28
0.49
VCC
A0 voltage threshold 3
VADD_3
Set I2C address 65H
0.53
0.72
VCC
A0 voltage threshold 4
VADD_4
Set I2C address 67H
0.77
VCC
A0 to GND pull-down resistor
RA0_PD
2
MΩ
EN rising threshold
VEN_RISING
1.1
1.2
1.3
V
EN threshold hysteresis
VEN_HYS
110
mV
EN to GND pull-down resistor
REN
1.5
MΩ
VIN under-voltage lockout
threshold rising
INUVVth_r
2.45
2.65
2.85
V
VIN under-voltage lockout
threshold falling
INUVVth_f
2.5
2.7
V
Power good UV threshold rising
PGVth-Hi
Good
0.86
0.9
0.94
VOUT
Power good UV threshold falling
PGVth-Lo
Fault
0.81
0.85
0.89
VOUT
Power good OV threshold rising
PGVth-Hi
Fault
1.11
1.15
1.19
VOUT
Power good OV threshold falling
PGVth-Lo
Good
1.01
1.05
1.09
VOUT
Power good deglitch time
PGTd
I2C programmable
30
μs
Power good sink current
capability
VPG
Sink 4mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com