Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16876 Datasheet HTML 1Page - Renesas Technology Corp UPD16876 Datasheet HTML 2Page - Renesas Technology Corp UPD16876 Datasheet HTML 3Page - Renesas Technology Corp UPD16876 Datasheet HTML 4Page - Renesas Technology Corp UPD16876 Datasheet HTML 5Page - Renesas Technology Corp UPD16876 Datasheet HTML 6Page - Renesas Technology Corp UPD16876 Datasheet HTML 7Page - Renesas Technology Corp UPD16876 Datasheet HTML 8Page - Renesas Technology Corp UPD16876 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. S14288EJ1V0DS00 (1st edition)
Date Published April 2001 N CP(K)
Printed in Japan
SINGLE Pch HIGH-SIDE SWITCH FOR USB
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD16876
©
2001
DESCRIPTION
The
µPD16876 is a power switch IC with an overcurrent limiter that is used for the power bus of a Universal Serial
Bus (USB). This product has one Pch power MOSFET circuits, which has a low-on resistance (100 m
Ω TYP.), in its
switching block. This product boasts an operating current consumption of as low as 100
µA (MAX.).
In addition, the IC is also equipped with an overcurrent detector that is essential for a host/hub controller
conforming to the USB Standard, so that the IC can report an overcurrent to the controller. Moreover, a thermal
shutdown circuit and an undervoltage lockout circuit are also provided as the protection circuits of the IC.
This product has one channel of power switch, control input pin, and flag output pin to simultaneously control one
USB port with a single IC.
FEATURES
•
One P-ch power MOSFET circuit
•
Overcurrent detector that outputs active-low control signal from detection report pin
•
Overcurrent limiter to prevent system voltage drop
•
Thermal shutdown circuit
•
Undervoltage lockout circuit
•
This control circuit can be turned on and off independently of the others by a control pin.
•
8-pin SOP package
ORDERING INFORMATION
Part Number
Package
µPD16876G
8-pin SOP (5.72 mm (225))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com