Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 9Page - Renesas Technology Corp UPD16876 Datasheet HTML 10Page - Renesas Technology Corp UPD16876 Datasheet HTML 11Page - Renesas Technology Corp UPD16876 Datasheet HTML 12Page - Renesas Technology Corp UPD16876 Datasheet HTML 13Page - Renesas Technology Corp UPD16876 Datasheet HTML 14Page - Renesas Technology Corp UPD16876 Datasheet HTML 15Page - Renesas Technology Corp UPD16876 Datasheet HTML 16Page - Renesas Technology Corp UPD16876 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet S14288EJ1V0DS
11
µµµµPD16876
On Detection of Overcurrent
5 V
5 V
GND
5 V
GND
GND
5 V
GND
Overcurrent detection
threshold
IN (input)
LATCH = "L"
LATCH = "H"
FLG
(output)
Iout
CTL
(input)
OUT
(output)
Slow
start
period
Inrush current
Output is
short-circuited
Inrush current
Output is
short-circuited
5 V
GND
Overcurrent detection
threshold
Iout
OUT
(output)
Slow
start
period
If an overcurrent is detected after the overcurrent detection delay time of 20
µs, the IC executes a slow-start
operation (output rise time: 5 ms TYP.) again.
If an overcurrent is detected while the IC is executing the slow-start operation again, it is assumed that the output
is short-circuited and the FLG pin goes low. When the CTL signal is deasserted inactive, OUT is turned OFF and
FLG goes high. If the CTL signal is asserted active, OUT is turned back ON unless the undervoltage lockout circuit
or thermal shutdown circuit is activated.
When LATCH = “H”, output is turned off at the timing of FLG = “L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com