Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 10Page - Renesas Technology Corp UPD16876 Datasheet HTML 11Page - Renesas Technology Corp UPD16876 Datasheet HTML 12Page - Renesas Technology Corp UPD16876 Datasheet HTML 13Page - Renesas Technology Corp UPD16876 Datasheet HTML 14Page - Renesas Technology Corp UPD16876 Datasheet HTML 15Page - Renesas Technology Corp UPD16876 Datasheet HTML 16Page - Renesas Technology Corp UPD16876 Datasheet HTML 17Page - Renesas Technology Corp UPD16876 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Data Sheet S14288EJ1V0DS
12
µµµµPD16876
When Thermal Shutdown Circuit Operates
5 V
GND
GND
5 V
GND
5 V
GND
5 V
Standby status
Non-standby
status
IN (Input)
OUT
(Output)
Tch
FLG
(Output)
CTL
(Input)
Thermal shutdown circuit
operating temperature (rising)
Thermal shutdown circuit
operating temperature (falling)
While the thermal shutdown circuit is activated, the output pins are in the OFF status. However, the IC does not
enter the standby status even if all the CLT pins are deasserted inactive at the same time.
The thermal shutdown circuit is not activated even if the junction temperature exceeds 150
°C TYP. while the IC is
in the standby mode (when CTL1 and CTL2 pins are inactive).
TEST CIRCUIT
PD16876
1 F
LATCH
OUT
CTL
OUT
FLG
IN
GND
IN
10 k
Ω
10
Ω
5 V
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com