Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 8Page - Renesas Technology Corp UPD16876 Datasheet HTML 9Page - Renesas Technology Corp UPD16876 Datasheet HTML 10Page - Renesas Technology Corp UPD16876 Datasheet HTML 11Page - Renesas Technology Corp UPD16876 Datasheet HTML 12Page - Renesas Technology Corp UPD16876 Datasheet HTML 13Page - Renesas Technology Corp UPD16876 Datasheet HTML 14Page - Renesas Technology Corp UPD16876 Datasheet HTML 15Page - Renesas Technology Corp UPD16876 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Data Sheet S14288EJ1V0DS
10
µµµµPD16876
OPERATION SEQUENCE
Power ON/OFF
5 V
GND
5 V
GND
5 V
GND
5 V
5 V
GND
Overcurrent detection threshold
IN (Input)
OUT
(Output)
Iout
Flg
(Output)
CTL
(Input)
If the CTL signal is asserted active after power has been turned ON, OUT executes the soft-start operation (output
transition time: 8 ms MAX.). In addition, FLG output is fixed to “L” if the supply voltage is lower than the operating
voltage of the undervoltage lockout circuit (UVLO) on power application.
If all the CTL pins are inactive when power is supplied, the IC enters the standby status (IDD = 5
µA MAX.).
When Control Signals Are Input
5 V
GND
5 V
GND
5 V
GND
GND
5 V
IN (Input)
OUT
(Output)
FLG
(Output)
CTL
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com