Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 5Page - Renesas Technology Corp UPD16876 Datasheet HTML 6Page - Renesas Technology Corp UPD16876 Datasheet HTML 7Page - Renesas Technology Corp UPD16876 Datasheet HTML 8Page - Renesas Technology Corp UPD16876 Datasheet HTML 9Page - Renesas Technology Corp UPD16876 Datasheet HTML 10Page - Renesas Technology Corp UPD16876 Datasheet HTML 11Page - Renesas Technology Corp UPD16876 Datasheet HTML 12Page - Renesas Technology Corp UPD16876 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet S14288EJ1V0DS
7
µµµµPD16876
Overcurrent Detection Delay Time/Minimum CTL High Time (LATCH = “H”)
ITH
tCTL
IOUT
VOUT
FLG
CTL
tSRISE
90%
10%
10%
tOVER
(Internal time)
FUNCTIONAL DESCRIPTION REFERENCE TABLE
Function
Characteristics
Reference Value
(TYP.)
Refer to:
Overcurrent detection
Threshold
0.9 A
p.8 1. Overcurrent detection
Overcurrent detection
delay time
20
µs
p.8 1. Overcurrent detection
p.11 On Detection of Overcurrent
Overcurrent detection
Slow-start repeat time
5 ms
p.11 On Detection of Overcurrent
VDD L
→H 2.5 V
Under voltage lockout
circuit (UVLO)
UVLO operating voltage
VDD H
→L 2.3 V
p.8 2. Under Voltage Lockout Circuit (UVLO)
Output rise time
tRISE
5 ms
Operation when power is
turned on/off
Output fall time
tFALL
1
µs
p.9 3. Behavior When Power Is Turned
ON/OFF
Thermal shutdown
circuit
Thermal shutdown circuit
operating temperature
150
°C or higher
p.12 When Thermal Shutdown Circuit Operates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com