Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 3Page - Renesas Technology Corp UPD16876 Datasheet HTML 4Page - Renesas Technology Corp UPD16876 Datasheet HTML 5Page - Renesas Technology Corp UPD16876 Datasheet HTML 6Page - Renesas Technology Corp UPD16876 Datasheet HTML 7Page - Renesas Technology Corp UPD16876 Datasheet HTML 8Page - Renesas Technology Corp UPD16876 Datasheet HTML 9Page - Renesas Technology Corp UPD16876 Datasheet HTML 10Page - Renesas Technology Corp UPD16876 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet S14288EJ1V0DS
5
µµµµPD16876
ELECTRICAL SPECIFICATIONS
DC Characteristics (Unless otherwise specified, VIN = +5 V, TA = +25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VCTL = VIN, OUT: Open
1
5
µA
Current consumption
IDD
VCTL = 0 V, OUT: open
80
µA
Input voltage, low
VIL
CTL pin
1.0
V
Input voltage, high
VIH
CTL pin
2.0
V
LATCH input voltage, low
VIL
LATCH pin
1.5
V
LATCH input voltage, high
VIH
LATCH pin
3.5
V
VCTL = 0 V
0.01
1
µA
Control input current
ICTL
VCTL = VIN
0.01
1
µA
TA = 0 to +70
°C,
IOUT = 500 mA
100
140
m
Ω
Output MOSFET on-resistance
RON
VIN = 3 to 5 V, TA = 0 to 70
°C
IOUT = 500 mA
200
m
Ω
Output leakage current
IO LEAK
10
µA
TA = 0 to +70
°C
0.6
0.9
1.25
A
Overcurrent detector threshold
ITH
VIN = 3 to 5 V, TA = 0 to 70
°C
0.5
1.25
A
Flag output resistance
RON F
IL = 10 mA
10
25
Ω
Flag leakage current
IO LEAK F
VFLAG = 5 V
0.01
1
µA
VIN: When rising
2.2
2.5
2.8
V
VIN: When falling
2.0
2.3
2.6
V
Undervoltage lockout circuit
operating voltage
VUVLO
Hysteresis width
0.05
0.25
V
AC Characteristics (Unless otherwise specified, VIN = +5 V, TA = +25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output transition rise time (ON)
tRISE
RL = 10
Ω per output
2.5
5
8
ms
Output transition fall time (OFF)
tFALL
RL = 10
Ω per output
10
µs
Overcurrent detection delay time
tOVER
20
µs
Overcurrent detection output rise
time
tSRISE
RL = 10
Ω per output
2.5
5
8
ms
Minimum CTL high time
tCTL
CTL : L
→H→L20
µs
CTL
→ FLG Delay time
tC-F Delay
Over Current Detect CTL1
→ FLG4
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com