Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 2Page - Renesas Technology Corp UPD16876 Datasheet HTML 3Page - Renesas Technology Corp UPD16876 Datasheet HTML 4Page - Renesas Technology Corp UPD16876 Datasheet HTML 5Page - Renesas Technology Corp UPD16876 Datasheet HTML 6Page - Renesas Technology Corp UPD16876 Datasheet HTML 7Page - Renesas Technology Corp UPD16876 Datasheet HTML 8Page - Renesas Technology Corp UPD16876 Datasheet HTML 9Page - Renesas Technology Corp UPD16876 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet S14288EJ1V0DS
4
µµµµPD16876
ABSOLUTE MAXIMUM RATINGS (Unless otherwise specified, TA = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
−0.3 to +6
V
Flag voltage
VFLG
−0.3 to +6
V
Flag current
IFLG
50
mA
Output voltage
VOUT
VIN+0.3
V
DC
+0.5 (VIN = VCTL = 5 V)
−0.1 (VIN = 0 V, VOUT = 5 V)
Output current
IOUT
Pulse width
≤ Single 100
µs pulse
+3
A
Control input
VCTL
−0.3 to +6
V
Total power dissipation
PD
300
mW
Operating temperature range
TA
−40 to +85
°C
Junction temperature
Note
TCH MAX
+150
°C
Storage temperature
Tstg
−55 to +150
°C
Note This product has an internal thermal shutdown circuit (operating temperature: 150
°C or higher TYP.)
RECOMMENDED OPERATING RANGE (Unless otherwise specified, TA = 25
°°°°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input voltage
VIN
+3
+5.5
V
Operating temperature range
TA
0+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com