Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 12Page - Renesas Technology Corp UPD16876 Datasheet HTML 13Page - Renesas Technology Corp UPD16876 Datasheet HTML 14Page - Renesas Technology Corp UPD16876 Datasheet HTML 15Page - Renesas Technology Corp UPD16876 Datasheet HTML 16Page - Renesas Technology Corp UPD16876 Datasheet HTML 17Page - Renesas Technology Corp UPD16876 Datasheet HTML 18Page - Renesas Technology Corp UPD16876 Datasheet HTML 19Page - Renesas Technology Corp UPD16876 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet S14288EJ1V0DS
14
µµµµPD16876
MAJOR CHARACTERISTIC CURVES (Unless otherwise specified, TA = 25
°°°°C, VIN = 5 V)
1.80
1.70
1.60
1.50
1.40
1.30
Input Voltage VI vs. Ambient Temperature TA
Input Voltage VI vs. Supply Voltage VIN
Overcurrent Threshold ITH vs. Ambient Temperature TA
Overcurrent Threshold ITH vs. Supply Voltage VIN
Ambient temperature TA (
°C)
−20
0
204060
80
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Ambient temperature TA (
°C)
−20
0
204060
80
Time ( s)
1
03
24
1.70
1.65
1.60
1.55
1.50
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0
0.4
0.8
1.2
Output Rise Delay Time Characteristics
6
5
4
3
2
1
0
Ambient temperature TA (
°C)
−20
20
060
40
80
Undervoltage Lockout Circuit Operating Voltage Characteristics
50
40
30
20
10
00
Time ( s)
Output Fall Delay Time Characteristics
VIH
VIH
VIL
VIL
UVLO (L H)
UVLO (H L)
Input voltage
Output voltage
Output voltage
6
5
4
3
2
1
0
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com