Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 29 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 29 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 25Page - Micro Analog systems MAS9191A Datasheet HTML 26Page - Micro Analog systems MAS9191A Datasheet HTML 27Page - Micro Analog systems MAS9191A Datasheet HTML 28Page - Micro Analog systems MAS9191A Datasheet HTML 29Page - Micro Analog systems MAS9191A Datasheet HTML 30Page - Micro Analog systems MAS9191A Datasheet HTML 31Page - Micro Analog systems MAS9191A Datasheet HTML 32Page - Micro Analog systems MAS9191A Datasheet HTML 33Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
DA9191A.000
July 31, 1997
FUNCTIONS
Register 0EHEX (write only)
Bit
Name
State
Function
3-0
GC1[3:0]
0000-1111
Control range for GC1: -3.0dB … +3.0dB, 0.4dB/step
0000
-3.0dB
0001
-2.6dB
0010
-2.2dB
…….
1111
+3.0dB
1000
+0.2dB default value
4
S1
0
RX
connected to GC1 input
1
ALP
5
S2
0
F4 output
connected to DEOUT
1
F4 input
6
S3
0
signal from S2-RXTST0-RXTST1
connected to F5 input
1
RBPFIN
7
S4
0
F5 output
connected to RBPFOUT
1
F5 input
Register 10HEX (read only)
Bit
Name
State
Function
0
STD
0
DTMF tone not received
1
DTMF tone received
1
RXWRD
0
RX buffer empty
1
RX word received (SYS1 = 0)
Next captured byte ready (SYS1 = 1)
2
TXWRD
0
Transmitting previous byte or word
1
TX buffer empty
3
TXCOL
0
No TX collision detected
1
TX collision detected
4
SATINT
0
SATDET signal stable
1
rising or falling edge of SATDET detected
7-5
reserved
0,1
not in use
The rising edge of the signals STD, RXWRD, TXWRD, TXCOL and SATINT activates the interrupt line XINT. If the
signal(s) changes when register 10HEX or one of the other registers is read, the interrupt line will be activated right
after the register read. Reading this register sets the interrupt line inactive. If a new interrupt is generated during
register read , the interrupt line will be activated again right after register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com